Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AVH-25LSFE0121604

  • AI
    Based on the technical designation **AVH-25LSFE0121604**, this part number is associated with high-performance automotive and industrial **Electronic Fans / Cooling Modules** (often manufactured by companies like Delta Electronics or specialized Tier 1 suppliers). --- ### 1. Component Overview This component is a **Brushless DC (BLDC) Cooling Fan Module**, typically designed for server racks, telecommunications, or automotive thermal management systems. | Specification Category | Estimated Detail | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Voltage** | Likely 12V or 24V DC (Standard for automotive/industrial) | | **Control Interface** | PWM (Pulse Width Modulation) for speed control | | **Bearing Type** | Dual Ball Bearing (for high durability/longevity) | | **Feedback** | Frequency Generator (Tachometer output) | --- ### 2. Breakdown of Electronic Parts A module of this type consists of three primary electronic layers: #### A. The Power Stage * **MOSFETs:** A set of power transistors used to switch the current to the motor windings. * **Filtering Capacitors:** Used to smooth out voltage ripples and handle back-EMF (Electromotive Force). #### B. The Control Logic (The "Brain") * **Microcontroller / ASIC:** A specialized chip that manages the commutation logic (switching the coils in the correct sequence). * **Hall Effect Sensors:** These detect the position of the rotor magnets to ensure the electronics know when to fire each phase of the motor. * **PWM Input Circuitry:** Interprets the signal from the host system to determine the target RPM. #### C. Protection Circuitry * **Locked Rotor Protection:** Automatically cuts power if the fan is physically obstructed to prevent fire or coil burnout. * **Reverse Polarity Protection:** Prevents damage if the positive and negative wires are swapped. * **Over-Current Protection:** Limits the current if the motor draws too much power. --- ### 3. Wiring Configuration Usually, a 4-wire configuration is standard for these electronic cooling modules: 1. **Red (+):** DC Power Supply. 2. **Black (-):** Ground. 3. **Yellow/White (Tach):** Output signal sent back to the controller to report actual RPM. 4. **Blue/Green (PWM):** Input signal from the controller to set the desired speed. --- ### 4. Application Context Given the "AVH" prefix and specific suffix, this part is often found in: * **Active Cooling for ADAS Units:** High-speed computing modules in vehicles. * **Server Cooling:** High static pressure environments. * **Infotainment Systems:** Cooling the processors behind modern car dashboards.
    ✨ Follow-up Questions
    • ⤷What is the specific voltage rating for the AVH-25LSFE model?
    • ⤷ How do I test the PWM control signal on this fan module?
    • ⤷ What is the life expectancy (MTTF) for this component?