B3576
AI

The **B3576** typically refers to a high-performance **Saw Filter (Surface Acoustic Wave Filter)**, most commonly manufactured by **EPCOS (now TDK Electronics)**. These components are critical in wireless communication for frequency selection and noise suppression.
---
## 1. Technical Specifications
The B3576 is designed specifically for the **868.95 MHz** frequency band, which is widely used in European Short Range Devices (SRD).
| Feature | Specification |
| :--- | :--- |
| **Center Frequency ($f_c$)** | 868.95 MHz |
| **Insertion Loss** | ~3.5 dB to 4.5 dB |
| **Bandwidth** | +/- 150 kHz (approx.) |
| **Package Type** | QCC8C (Surface Mount Device) |
| **Impedance** | 50 $\Omega$ (unbalanced) |
| **Operating Temperature** | -40°C to +85°C |
---
## 2. Internal Components & Working Principle
A SAW filter like the B3576 does not use traditional RLC (Resistor-Inductor-Capacitor) circuits. Instead, it converts electrical signals into mechanical waves.
### Key Internal Elements:
1. **Piezoelectric Substrate:** Usually made of Lithium Tantalate ($LiTaO_3$) or Lithium Niobate ($LiNbO_3$).
2. **Interdigital Transducers (IDT):** These are interlaced comb-shaped metal electrodes deposited on the substrate.
3. **Input/Output Ports:** The input IDT converts the voltage into a physical acoustic wave that travels across the surface. The output IDT converts that wave back into an electrical signal.
---
## 3. Applications
The B3576 is primarily found in low-power radio systems. Common use cases include:
* **Remote Keyless Entry (RKE):** Automotive key fobs.
* **Smart Metering:** Wireless gas and water meters.
* **Home Automation:** Wireless alarm systems, garage door openers, and smart lighting.
* **ISM Band Receivers:** Industrial, Scientific, and Medical radio equipment operating at 868 MHz.
---
## 4. Typical Circuit Integration
In a PCB layout, the B3576 is placed between the **Antenna** and the **LNA (Low Noise Amplifier)** of a receiver to ensure only the target frequency reaches the processing stage.
```mermaid
graph LR
A[Antenna] --> B[Matching Network]
B --> C{B3576 SAW Filter}
C --> D[LNA / Transceiver IC]
```
---
- ⤷
What are the main advantages of using a SAW filter over a traditional LC filter?
- ⤷ Can the B3576 be used for 915 MHz applications common in the US?
- ⤷ How does impedance matching affect the performance of the B3576?