B3607
AI

The **B3607** typically refers to a **Step-Down (Buck) DC-DC Converter Module** based on the XL4007 or similar voltage regulator ICs. This module is widely used in hobbyist electronics to efficiently lower a DC input voltage to a stabilized lower DC output voltage.
---
### 1. Key Technical Specifications
| Parameter | Typical Value |
| :--- | :--- |
| **Input Voltage** | 5V – 36V DC |
| **Output Voltage** | 1.25V – 32V DC (Adjustable) |
| **Maximum Output Current** | 2A (Continuous), 3A (with Heat Sink) |
| **Switching Frequency** | 150 kHz |
| **Conversion Efficiency** | Up to 96% |
| **Protection Features** | Over-temperature, Short-circuit |
---
### 2. Core Electronic Components
A B3607 module consists of several critical electronic parts that work together to perform the buck conversion:
* **Regulator IC (XL4007/LM2596):** The "brain" of the module. It uses Pulse Width Modulation (PWM) to control the switching of current to maintain a steady output.
* **Inductor (Power Inductor):** Stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle to smooth out the current.
* **Schottky Diode:** Provides a path for the current when the regulator switch is off (freewheeling diode), preventing voltage spikes.
* **Electrolytic Capacitors:** Located at the input and output to filter noise and stabilize the voltage levels.
* **Multi-turn Potentiometer (Trimmer):** A high-precision variable resistor used to adjust the output voltage level by turning the small screw.
---
### 3. Connection Pinout
| Pin Label | Function | Description |
| :--- | :--- | :--- |
| **IN+** | Positive Input | Connect to the positive terminal of the power source. |
| **IN-** | Negative Input | Connect to the ground/negative of the power source. |
| **OUT+** | Positive Output | Regulated positive voltage output. |
| **OUT-** | Negative Output | Common ground output. |
---
### 4. Operational Usage Tips
1. **Voltage Differential:** The input voltage must be at least **1.5V to 2V higher** than the desired output voltage for the module to function correctly.
2. **Directionality:** This is a **Step-Down** converter only. It cannot increase voltage (e.g., it cannot turn 5V into 12V).
3. **Heat Management:** If drawing more than 10-15W or 2A of current, it is highly recommended to stick a small aluminum heat sink onto the main IC to prevent thermal shutdown.
---
- ⤷
How do I calibrate the output voltage using the potentiometer?
- ⤷ Can the B3607 be used to charge a Li-ion battery?
- ⤷ What happens if I reverse the polarity of the input power?