Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • B3781

  • AI
    The term **B3781** typically refers to a specific series of surface-mount multilayer ceramic capacitors (MLCCs) manufactured by **TDK** (and historically under the EPCOS brand). These components are essential in modern electronics for energy storage, filtering, and bypassing applications. --- ### 1. Key Technical Specifications The B3781 series is characterized by its physical size, dielectric material, and electrical stability. | Parameter | Typical Value / Specification | | :--- | :--- | | **Component Type** | Multilayer Ceramic Capacitor (MLCC) | | **Case Size** | Often associated with EIA 0402 (1005 Metric) | | **Dielectric Type** | High Stability (e.g., C0G / NP0) or High Cap (X7R) | | **Voltage Range** | Usually 16V to 100V DC | | **Tolerance** | ±5% (C0G) or ±10% (X7R) | | **Termination** | Ni-barrier with Sn (Lead-free) | ### 2. Physical Construction An MLCC like the B3781 is built using several layers of ceramic dielectric and metal electrodes. * **Ceramic Dielectric:** Provides the insulating layer that determines the temperature stability. * **Internal Electrodes:** Thin metal layers stacked to increase the surface area (increasing capacitance). * **External Terminations:** Silver or copper base layers followed by a nickel barrier and a tin (Sn) finish for easy soldering. ### 3. Application Use Cases Because the B3781 series (particularly in the 0402 size) is compact, it is found in high-density circuit boards: 1. **Decoupling:** Placed near IC pins to filter out high-frequency noise from power supplies. 2. **Impedance Matching:** Used in RF (Radio Frequency) circuits to ensure signal integrity. 3. **Timing Circuits:** Used in oscillators where precise capacitance is required. --- ### 4. Part Numbering Example While "B3781" is the series prefix, a full part number provides specific details: `B37812R5102K060` * **B37812:** Series and Case Size code. * **R:** Voltage rating indicator. * **5102:** Capacitance value (10 + 2 zeros = 1000pF or 1nF). * **K:** Tolerance (±10%). * **060:** Packaging/Internal code.
    ✨ Follow-up Questions
    • What are the differences between C0G and X7R dielectrics in MLCCs?
    • How do I read TDK capacitor marking codes?
    • What are the common failure modes for surface-mount capacitors?