Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • BAW56G-AE3-R

  • AI
    ## BAW56G-AE3-R Overview The **BAW56G-AE3-R** is a high-speed switching diode configured in a **common anode** dual-diode arrangement. It is widely used in signal processing and protection circuits where space-saving and high-speed switching are required. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the BAW56 series: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 70 | V | | **Forward Continuous Current** | $I_F$ | 215 | mA | | **Reverse Recovery Time** | $t_{rr}$ | 6.0 | ns | | **Forward Voltage** (at 150mA) | $V_F$ | 1.25 | V | | **Power Dissipation** | $P_d$ | 225 | mW | | **Package Type** | SOT-23 | - | - | --- ### 2. Internal Configuration The BAW56 consists of two diodes connected in a specific layout: * **Pin 1:** Cathode (Diode 1) * **Pin 2:** Cathode (Diode 2) * **Pin 3:** Common Anode (Both Diodes) --- ### 3. Application Areas Because of its fast switching capabilities and small footprint, this component is commonly found in: 1. **High-Speed Switching:** Used in digital circuits to ensure rapid transitions. 2. **ESD/Clamping Protection:** Protecting sensitive I/O lines from voltage spikes by clamping the signal to the supply rails. 3. **Signal Rectification:** Small-signal AC to DC conversion in communication devices. 4. **Reverse Polarity Protection:** Protecting low-power modules from incorrect battery insertion. --- ### 4. Part Number Breakdown (UTC/Unisonic) The suffix codes usually indicate specific manufacturing standards: * **BAW56:** Basic series part number. * **G:** Halogen-free and RoHS compliant (Green). * **AE3:** Refers to the **SOT-23** package type. * **R:** Tape and Reel packaging for automated SMT assembly. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between BAW56 (common anode) and BAV70 (common cathode)?
    • ⤷ Can you provide a circuit diagram example for using BAW56 as a clamping diode?
    • ⤷ What is the maximum operating temperature for the BAW56G-AE3-R?