AI

### Analysis of Part Number: BKME800ESS331MMP1S
The part number **BKME800ESS331MMP1S** corresponds to a specific Aluminum Electrolytic Capacitor manufactured by **United Chemi-Con (UCC)**. It belongs to the **KME series**, which is known for being a standard, high-reliability radial lead type capacitor.
---
### Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Manufacturer** | United Chemi-Con (UCC) | Japanese high-quality electronic components |
| **Series** | KME | General-purpose, 105°C endurance |
| **Capacitance** | 330 µF | Stored electrical charge capacity |
| **Voltage Rating** | 80V DC | Maximum operating voltage |
| **Tolerance** | ±20% (M) | Standard industry tolerance |
| **Temperature Rating** | -55°C to +105°C | Operating temperature range |
| **Endurance** | 1,000 to 2,000 Hours | Expected life at 105°C |
| **Package Type** | Radial Lead | Through-hole mounting |
---
### Part Number Breakdown
To understand exactly what this component is, we can decode the manufacturer's syntax:
1. **BKME**: Series Code (KME Series - Miniature, standard life).
2. **800**: Voltage Code (80V).
3. **ESS**: Form/Packaging code (Specific to taping or lead forming).
4. **331**: Capacitance Code (33 followed by 1 zero = **330µF**).
5. **M**: Tolerance Code (**±20%**).
6. **MP1S**: Case Size and Finish code (Relates to diameter and length, e.g., 10x20mm or 12.5x20mm depending on specific catalog lookup).
---
### Key Features and Usage
* **Reliability:** The KME series is a "workhorse" in the electronics industry, designed to provide stable performance even in environments reaching 105°C.
* **Applications:**
* **Power Supplies:** Filtering input/output ripples.
* **Consumer Electronics:** TV, Audio equipment, and household appliances.
* **Industrial:** General-purpose circuit stabilization.
* **Polarity:** As an Aluminum Electrolytic capacitor, it is **polarized**. The longer lead is usually the positive (+), and the stripe on the casing indicates the negative (-) terminal.
---
### Selection Considerations
If you are looking for a replacement or designing this into a circuit, keep the following in mind:
* **Ripple Current:** Ensure the circuit's ripple current does not exceed the rated limit of this specific size.
* **ESR (Equivalent Series Resistance):** This is a standard ESR part; for high-frequency switching power supplies, a "Low ESR" series like the *KZE* or *KY* might be preferred.
- ⤷
What are the physical dimensions (diameter and height) for the MP1S case code?
- ⤷ Can this capacitor be substituted with a 100V rated part of the same capacitance?
- ⤷ What is the specific ripple current rating for the KME 330uF 80V model?