BL02RN2-R62
AI

The **BL02RN2-R62** is a specific type of **Ferrite Bead** (EMI suppression filter) manufactured by **Murata Electronics**. It is designed to suppress high-frequency noise in electronic circuits without causing significant signal distortion at lower frequencies.
---
## 1. Key Specifications
The following table summarizes the primary electrical and physical characteristics of the BL02RN2-R62:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Ferrite Bead (Axial Lead) |
| **Impedance (at 100MHz)** | 300 $\Omega$ (Typical) |
| **Rated Current** | 7 Amperes |
| **DC Resistance (DCR)** | 0.02 $\Omega$ Max |
| **Operating Temperature** | -40°C to +85°C |
| **Mounting Type** | Through-Hole (Axial) |
| **Lead Diameter** | 0.6 mm |
---
## 2. Construction and Design
The BL02RN2 series features a unique construction compared to standard surface-mount beads:
* **Bead Core:** It consists of a cylindrical ferrite core.
* **Conductor:** A single wire passes through the center of the ferrite bead.
* **Forming:** The "R62" suffix specifically refers to the **lead forming style**. In this case, the leads are usually bent or taped in a specific orientation for automated insertion into Printed Circuit Boards (PCBs).
---
## 3. Function and Applications
The device acts as a high-frequency resistor. It converts high-frequency electromagnetic interference (EMI) into negligible amounts of heat.
### Common Uses:
1. **Power Supply Lines:** Used to filter out ripple and noise from switching power supplies.
2. **General Noise Suppression:** Prevents high-frequency oscillations in analog circuits.
3. **Digital Interface Protection:** Used on data lines to reduce "ringing" and electromagnetic radiation.
---
## 4. Part Number Breakdown
The Murata part numbering system for this component follows this logic:
```text
BL 02 RN 2 R62
| | | | |
| | | | +--- Lead Forming/Packaging (Radial Taping/Bent)
| | | +------- Diameter of ferrite core
| | +---------- Standard Ferrite Material
| +-------------- Series Code (Indicates bead shape)
+------------------ Ferrite Bead (Inductor category)
```
- ⤷What is the difference between this axial bead and a standard SMD chip bead?
- ⤷ How does the 7A current rating affect its performance in power circuits?
- ⤷ What are the specific dimensions of the R62 lead forming?