Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • BL02RN2-R62T4

  • AI
    The **BL02RN2-R62T4** is a specialized passive electronic component manufactured by **Murata Electronics**. It belongs to the family of **Ferrite Beads**, specifically designed for noise suppression in electronic circuits. --- ## 1. Component Specification Table | Feature | Specification | | :--- | :--- | | **Manufacturer** | Murata Electronics | | **Part Series** | BL02 (Leaded Type Ferrite Bead) | | **Impedance** | Typically ~250-300 $\Omega$ at 100MHz | | **Rated Current** | 7 Amperes (Max) | | **Mounting Type** | Through-Hole (Axial leaded) | | **Lead Diameter** | 0.60mm | | **Packaging** | Taping (Ammo Pack / T4 format) | --- ## 2. Technical Characteristics ### Physical Construction The BL02RN2 series consists of a ferrite core with a single wire passing through it. Unlike Surface Mount (SMD) chips, this is a **leaded** part, making it suitable for applications where high current or through-hole PCB assembly is required. ### EMI Suppression Logic * **High-Frequency Resistance:** At low frequencies, the component acts as a standard conductor (low resistance). At high frequencies (EMI noise), the ferrite material increases its impedance, converting the noise energy into heat and preventing it from passing through the circuit. * **Broadband Performance:** It is effective at suppressing noise across a wide frequency range, particularly in the 10MHz to 500MHz spectrum. --- ## 3. Part Number Breakdown Understanding the nomenclature helps in identifying the specific variant: * **BL02**: Series name (Ferrite bead with lead wire). * **RN2**: Internal design code (Refers to the core shape and material). * **R62**: Refers to the physical dimensions and lead configuration. * **T4**: Packaging code (Standard Ammo Pack taping for automatic insertion machines). --- ## 4. Common Applications 1. **Power Supply Filtering:** Used on the input/output stages of DC-DC converters to reduce switching noise. 2. **Consumer Electronics:** Found in TVs, audio equipment, and computers to ensure electromagnetic compatibility (EMC) compliance. 3. **Industrial Equipment:** Used to shield sensitive signal lines from high-current motor noise or power line interference. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the BL02RN2 series?
    • ⤷ How does a ferrite bead differ from a standard inductor?
    • ⤷ What is the difference between the T4 and T2 packaging options for Murata components?