BML0603-R082K
AI

The **BML0603-R082K** is a surface-mount multilayer chip inductor. This specific part number follows standard industry naming conventions, typically associated with manufacturers like Chilisin or similar high-frequency component specialists.
---
### 1. Part Number Breakdown
The nomenclature provides specific details about the component's physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **BML** | Series Type | Multilayer Ferrite Chip Inductor (General Purpose) |
| **0603** | Case Size | 0603 Imperial (1.6mm x 0.8mm) |
| **R082** | Inductance Value | **0.082 µH** (or 82 nH) |
| **K** | Tolerance | **±10%** |
---
### 2. Technical Specifications
Below are the typical electrical parameters for this class of inductor:
* **Inductance:** 82 nH (0.082 µH)
* **Tolerance:** ±10%
* **Self-Resonant Frequency (SRF):** Typically > 200 MHz
* **DC Resistance (DCR):** Low (typically < 0.50 Ω)
* **Rated Current:** Generally ranges between 100mA to 300mA depending on the specific manufacturer datasheet.
* **Operating Temperature:** -40°C to +85°C (or +125°C for automotive grades).
---
### 3. Key Features & Construction
1. **Multilayer Structure:** Unlike wire-wound inductors, these are made by layering ceramic/ferrite materials and conductive paste. This results in a compact, monolithic structure with high reliability.
2. **Magnetic Shielding:** The multilayer design provides a closed magnetic circuit, which minimizes crosstalk and electromagnetic interference (EMI) with surrounding components.
3. **No Directivity:** These components generally do not have a specific polarity, making them easy to place during high-speed SMT (Surface Mount Technology) assembly.
---
### 4. Common Applications
The BML0603-R082K is primarily used for signal conditioning and noise suppression in high-frequency circuits:
* **Mobile Electronics:** Smartphones and tablets for RF resonance and decoupling.
* **EMI Suppression:** Used in I/O lines to prevent high-frequency noise from entering or leaving the system.
* **WLAN/Bluetooth Modules:** Filtering and matching in 2.4GHz and other communication bands.
* **Computer Peripherals:** Filtering on motherboards and high-speed data buses.
---
### 5. Land Pattern (Footprint)
For PCB design, use the standard 0603 (1608 Metric) footprint:
```text
Dimension | Millimeters (mm) | Inches (in)
----------|------------------|------------
Length (L)| 1.60 ± 0.15 | 0.063 ± 0.006
Width (W) | 0.80 ± 0.15 | 0.031 ± 0.006
Height (T)| 0.80 ± 0.15 | 0.031 ± 0.006
```
- ⤷What is the difference between a multilayer inductor and a wire-wound inductor?
- ⤷ Can this part be used in high-power power supply circuits?
- ⤷ What are the common alternatives for the BML0603-R082K?