Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • BML0603-R18K

  • AI
    The **BML0603-R18K** is a surface-mount multilayer ferrite chip inductor commonly used in high-frequency circuits. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. Part Number Breakdown | Segment | Meaning | Detail | | :--- | :--- | :--- | | **BML** | Series | Multilayer Ferrite Chip Inductor | | **0603** | Case Size | 0.6mm x 0.3mm (EIA 0201 equivalent) | | **R18** | Inductance | 0.18 µH (180 nH) | | **K** | Tolerance | ±10% | --- ### 2. Technical Specifications These parameters define the electrical behavior and limits of the component: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.18 µH (180 nH) | | **Tolerance** | ±10% | | **DC Resistance (DCR)** | ~0.70 Ω (Max) | | **Rated Current** | ~100 mA (Max) | | **Self-Resonant Frequency (SRF)** | ~320 MHz | | **Quality Factor (Q)** | 15 - 20 (at test frequency) | | **Operating Temperature** | -40°C to +85°C | --- ### 3. Key Electronic Characteristics * **Multilayer Ferrite Construction:** Unlike wire-wound inductors, this part is made by layering conductive paste and ferrite material. This results in a monolithic, magnetically shielded structure that prevents electromagnetic interference (EMI) with neighboring components. * **High Density Packaging:** The 0603 (metric) size is extremely small, making it ideal for high-density PCB designs like smartphones and wearables. * **Impedance Characteristics:** At low frequencies, it acts as a standard inductor. As frequency increases, the magnetic loss of the ferrite material increases, allowing it to act as a filter/suppressor for high-frequency noise. --- ### 4. Common Applications Due to its small size and inductance value, the BML0603-R18K is typically used in: 1. **RF Circuits:** Matching networks for Bluetooth, Wi-Fi, and cellular modules. 2. **EMI Suppression:** Filtering high-frequency noise in signal lines. 3. **Power Decoupling:** Preventing noise from reaching sensitive ICs in mobile devices. 4. **Signal Shaping:** Used in high-speed data transmission lines to maintain signal integrity. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ferrite chip inductor and a ceramic chip inductor?
    • ⤷ How does the SRF (Self-Resonant Frequency) impact the performance of this inductor?
    • ⤷ Can this component be used in high-power power supply circuits?