Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • BML0603-R56K

  • AI
    The **BML0603-R56K** is a surface-mount multilayer ferrite chip inductor. This component is commonly used in high-frequency circuits for noise suppression and signal conditioning. --- ### 1. Technical Specifications The part number follows a standardized naming convention. Here are the primary specifications: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.56 µH (560 nH) | "R56" indicates the decimal point position | | **Tolerance** | ±10% | Denoted by the "K" suffix | | **Package Size** | 0603 (EIA) / 1608 (Metric) | 1.6mm x 0.8mm dimensions | | **Material** | Ferrite | Multilayer ceramic/ferrite structure | | **Mounting Type** | SMD/SMT | Surface Mount Technology | --- ### 2. Breakdown of the Part Number The alphanumeric code can be decoded as follows: * **BML**: Series prefix (typically signifies a Multilayer Chip Inductor). * **0603**: The physical footprint (0.06 x 0.03 inches). * **R56**: The value of inductance. $R = 0.56$ microhenries ($\mu H$). * **K**: The tolerance code ($J = 5\%, K = 10\%, M = 20\%$). --- ### 3. Key Characteristics and Applications Inductors like the BML0603-R56K are designed for specific roles in electronic assemblies: #### Characteristics: * **High Q Factor:** Optimized for performance at high frequencies. * **Magnetic Shielding:** The multilayer construction reduces electromagnetic interference (EMI) and prevents crosstalk between components. * **Compact Size:** Suitable for high-density PCB designs. #### Common Applications: 1. **Mobile Devices:** Used in smartphones and tablets for signal filtering. 2. **RF Circuits:** Matching networks and high-frequency communication modules. 3. **Power Decoupling:** Removing high-frequency noise from power supply lines to protect sensitive ICs. --- ### 4. Typical Footprint (Dimensions) ```markdown L: 1.6mm ± 0.15mm W: 0.8mm ± 0.15mm T: 0.8mm ± 0.15mm ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Imax) for this specific inductor?
    • ⤷ How does a ferrite multilayer inductor differ from a wire-wound inductor?
    • ⤷ What is the Self-Resonant Frequency (SRF) for the R56K model?