Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • BML0805-R15K

  • AI
    The **BML0805-R15K** is a surface-mount multilayer ferrite chip inductor. It is a passive electronic component commonly used for high-frequency filtering and electromagnetic interference (EMI) suppression. --- ### 1. Key Technical Specifications | Parameter | Specification | Details | |:---|:---|:---| | **Inductance** | 0.15 µH (150 nH) | The core property of the component. | | **Tolerance** | ±10% (K) | Indicated by the 'K' suffix. | | **Case Size** | 0805 (Metric 2012) | 2.0mm x 1.25mm footprint. | | **Material** | Ferrite | High-density multilayer construction. | | **Self-Resonant Frequency** | ~250 MHz | The point where it stops acting as an inductor. | | **DC Resistance (DCR)** | ~0.40 Ω | Max resistance of the internal coil. | | **Rated Current** | ~250 mA | Maximum continuous current allowed. | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the component's capabilities: * **BML**: Series identifier (typically indicating a Multilayer Ferrite Inductor). * **0805**: The physical dimensions (0.08 inches by 0.05 inches). * **R15**: The inductance value. "R" acts as the decimal point (R15 = 0.15 µH). * **K**: The tolerance code (K = ±10%). --- ### 3. Core Features and Applications #### Features - **Magnetic Shielding**: The multilayer structure provides closed magnetic circuits, minimizing crosstalk between components. - **High Reliability**: No leads to break; excellent solderability and heat resistance for reflow soldering. - **Compact Profile**: Ideal for high-density PCB designs. #### Typical Applications 1. **Noise Suppression**: Filtering high-frequency noise in power supply lines. 2. **Signal Conditioning**: Used in RF circuits and communication equipment (mobile phones, Wi-Fi modules). 3. **Consumer Electronics**: Found in tablets, laptops, and portable media players to stabilize voltage rails. --- ### 4. Implementation Example In a typical circuit, this inductor is placed in series with a power line to form a low-pass filter when paired with a capacitor. ```markdown [Power Source] ---- [BML0805-R15K] ---- [Load] | [Capacitor] | [GND] ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between ferrite and ceramic inductors in the 0805 size?
    • ⤷ How does the self-resonant frequency affect circuit performance?
    • ⤷ What is the equivalent part number from other manufacturers like TDK or Murata?