Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • BML0805-R27K

  • AI
    The **BML0805-R27K** is a surface-mount multilayer ferrite chip inductor. This component is commonly used in high-frequency circuits for signal conditioning, EMI suppression, and filtering. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **BML** | Series | Multilayer Ferrite Chip Inductor | | **0805** | Case Size | Imperial size (approx. 2.0 x 1.25 mm) | | **R27** | Inductance Value | **0.27 µH** (R acts as a decimal point) | | **K** | Tolerance | **±10%** | --- ### 2. Key Technical Specifications Based on standard industry data for this part type: * **Inductance:** 270 nH (0.27 µH) * **Tolerance:** ±10% * **Test Frequency:** Typically 25 MHz * **Q Factor (Quality):** High Q (Min 15-20) for efficiency in filtering. * **SRF (Self-Resonant Frequency):** Usually > 150 MHz (Ensures it acts as an inductor in high-speed circuits). * **DC Resistance (DCR):** Low resistance (typically < 0.50 Ω) to minimize power loss. * **Rated Current:** Usually around 200mA - 300mA. --- ### 3. Construction and Material Unlike wire-wound inductors, the **BML series** uses a multilayer process: * **Structure:** Sintered ferrite layers with internal silver (Ag) printed electrodes. * **Shielding:** The magnetic structure is closed, providing excellent **magnetic shielding**. This minimizes cross-talk between components on a dense PCB. * **Termination:** Lead-free (Sn) plating over nickel (Ni) for high solderability and heat resistance. --- ### 4. Applications The BML0805-R27K is primarily used in low-to-medium power signal paths: 1. **EMI Suppression:** Filtering high-frequency noise in communication lines. 2. **Impedance Matching:** Used in RF circuits to match impedances for maximum power transfer. 3. **Mobile Electronics:** Ideal for smartphones, tablets, and portable devices due to its small 0805 footprint. 4. **Decoupling:** Filtering noise from DC power rails in digital circuits. --- ### 5. Recommended Footprint (0805) ```markdown Dimensions: L: 2.0mm ± 0.2mm W: 1.25mm ± 0.2mm T: 0.85mm to 1.25mm (varies by manufacturer) ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between a multilayer ferrite inductor and a wire-wound inductor?
    • ⤷ Can I use this inductor for high-power DC-DC converters?
    • ⤷ What happens to the inductance if the operating frequency exceeds the SRF?