Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • BO2525LS5C508GE10

  • AI
    Based on the part number provided, **BO2525LS5C508GE10** appears to be a specialized identifier for a **Brushless DC (BLDC) Motor**, likely manufactured by a company like *Fulling Motor* or a similar industrial automation supplier. Below is a breakdown of the electronic components and specifications typical for this specific series. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Frame Size** | 25mm x 25mm (NEMA 10 equivalent) | | **Voltage Rating** | Typically 24V DC (Standard for the series) | | **Feedback System** | Integrated Hall Effect Sensors (for commutation) | | **Phase** | 3-Phase | | **Bearings** | Precision Ball Bearings | --- ### 2. Part Number Breakdown (Estimated) In industrial motor nomenclature, the code is usually decoded as follows: * **BO2525**: Indicates the frame size (25mm square) and body length. * **L**: Likely indicates a "Long" stack or specific magnetic configuration. * **S5**: Often refers to the shaft diameter (e.g., 5mm) or a specific winding type. * **C508**: Internal winding code or torque constant identifier. * **GE10**: Often denotes an attached **Gearhead** (Planetary Gearbox) with a 10:1 reduction ratio. --- ### 3. Key Electronic Components #### A. Stator and Windings The motor contains a 3-phase stator. Unlike brushed motors, the "electronics" here involve the lack of physical brushes; instead, the coils are energized in a specific sequence by an external **ESC (Electronic Speed Controller)** or BLDC Driver. #### B. Hall Effect Sensors Inside the housing, there are three Hall sensors. These electronic components: 1. Detect the position of the rotor magnets. 2. Send digital signals to the controller. 3. Allow for smooth "sensored" starting and high torque at low speeds. #### C. Planetary Gearhead (GE10) The "GE10" suffix indicates a mechanical/electronic integration where the motor's high RPM is converted into higher torque. * **Ratio:** 10:1 * **Efficiency:** Usually around 80-90%. --- ### 4. Typical Applications * **Medical Equipment:** High-precision pumps or scanning tools. * **Robotics:** Actuators for small robotic arms or AGVs. * **Automation:** Small conveyor drives or pick-and-place machines. --- ### 5. Wiring Configuration Most motors in this series use an 8-wire configuration: * **3 Thick Wires:** Phase A, Phase B, Phase C (Power). * **5 Thin Wires:** VCC, GND, and Hall Sensors (H1, H2, H3).
    ✨ Follow-up Questions
    • ⤷ What is the maximum torque rating for the GE10 gearbox?
    • ⤷ Can this motor be used with a sensorless BLDC controller?
    • ⤷ What is the recommended operating voltage range for the BO2525 series?