BR24C01-RDS6TP
AI

## Overview of BR24C01-RDS6TP
The **BR24C01-RDS6TP** is a 1-Kbit serial I2C EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by **ROHM Semiconductor**. It is designed for low-power applications where non-volatile data storage is required.
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Capacity** | 1 Kbit (128 words × 8 bits) |
| **Interface** | I2C Bus (2-wire serial interface) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 400 kHz (Fast Mode) |
| **Write Cycles** | 1,000,000 cycles |
| **Data Retention** | 40 Years |
| **Package Type** | MSOP8 / TSSOP-B8 |
| **Operating Temp** | -40°C to +85°C |
---
### Internal Functional Blocks
The device consists of several critical electronic sections:
1. **Memory Array**: The 1024-bit core where data is physically stored in floating-gate transistors.
2. **I/O Control Logic**: Handles the SDA (Serial Data) and SCL (Serial Clock) signals to synchronize data transfer between the master (MCU) and the EEPROM.
3. **Address Decoder**: Translates the incoming 7-bit binary address into the physical row and column location in the memory grid.
4. **Voltage Generator (Charge Pump)**: An internal circuit that boosts the input voltage to the high level required for tunneling electrons during "Write" and "Erase" operations.
5. **Write Protect (WP)**: A hardware pin that, when tied to VCC, prevents any data from being written to the memory, ensuring data integrity against accidental overwrites.
---
### Pin Configuration
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1, 2, 3 | A0, A1, A2 | Device Address Inputs (Hardwired to set the I2C ID) |
| 4 | GND | Ground |
| 5 | SDA | Serial Data (Bidirectional) |
| 6 | SCL | Serial Clock Input |
| 7 | WP | Write Protect (High = Protected) |
| 8 | VCC | Power Supply |
---
### Implementation Example (I2C)
To interface this chip with an Arduino or similar microcontroller, you would typically use the `Wire.h` library.
```cpp
#include
#define EEPROM_ADDR 0x50 // Standard base address for BR24C01
void setup() {
Wire.begin();
// Write "A" to memory address 0x00
Wire.beginTransmission(EEPROM_ADDR);
Wire.write(0x00); // Internal Address
Wire.write('A'); // Data
Wire.endTransmission();
delay(5); // Required write cycle time
}
```
- ⤷
What is the difference between the BR24C01 and the BR24C02 in terms of capacity?
- ⤷ Can this EEPROM operate at a 1MHz clock frequency?
- ⤷ What happens to the data if the Write Protect (WP) pin is left floating?