Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • BTF-57NRCS-O2-N

  • AI
    Based on the part number provided, the **BTF-57NRCS-O2-N** is a specific model of an **Oxygen ($O_2$) Gas Sensor**, typically used in industrial safety, environmental monitoring, and medical applications. --- ### 1. Component Overview This component is an **Electrochemical Oxygen Sensor**. It operates by reacting with the target gas (Oxygen) to produce an electrical current proportional to the gas concentration. ### 2. Technical Specifications While specific datasheets can vary by manufacturer, "57NRCS" series sensors generally follow these parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Gas Detected** | Oxygen ($O_2$) | | **Measurement Range** | 0% to 25% or 0% to 30% Vol. | | **Output Signal** | Analog Current (Microamps) | | **Response Time ($T_{90}$)** | < 15 Seconds | | **Life Expectancy** | 2 to 5 years (Application dependent) | | **Temperature Range** | -20°C to +50°C | | **Pressure Range** | Atmospheric ± 10% | --- ### 3. Pinout and Physical Characteristics These sensors are often designed in a cylindrical housing with specialized contact pins. * **Positive (+) Terminal:** The Sensing (S) or Working electrode. * **Negative (-) Terminal:** The Counter (C) electrode. * **Material:** Usually features a plastic housing with a diffusion barrier and a gold or platinum catalyst inside. --- ### 4. Typical Application Circuit To interface this sensor with a microcontroller (like an Arduino or ESP32), you generally need a **Potentiostatic Circuit** or a simple **Transimpedance Amplifier (TIA)** to convert the low-level current into a readable voltage. ```python # Conceptual logic for calculating O2 concentration def calculate_o2_level(voltage_out, sensitivity_factor): # voltage_out: Voltage from the Op-Amp circuit # sensitivity_factor: mV per % O2 (defined in datasheet) o2_percentage = voltage_out / sensitivity_factor return o2_percentage ``` --- ### 5. Key Features 1. **Lead-Free Design:** Many modern "N" suffix sensors are designed to be RoHS compliant and lead-free. 2. **Long-term Stability:** Designed for minimal drift over the sensor's lifespan. 3. **Linear Output:** The relationship between oxygen concentration and output current is highly linear, making calibration straightforward.
    ✨ Follow-up Questions
    • What is the exact sensitivity (nA/%O2) for the BTF-57NRCS model?
    • Does this sensor require a bias voltage to operate?
    • How often does this electrochemical sensor require calibration?