Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • C005YJ0R2ABSTR

  • AI
    ## Technical Analysis of Component: C005YJ0R2ABSTR The part number **C005YJ0R2ABSTR** refers to a high-precision, surface-mount thin-film capacitor, typically manufactured by **AVX (Kyocera-AVX)**. It belongs to the **Accu-P®** series, which is designed for high-frequency (RF/Microwave) applications. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the exact specifications: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **C005** | Case Size | 0402 (EIA) / 1005 (Metric) | | **Y** | Voltage Rating | 16 Volts | | **J** | Temperature Coefficient | 0 ± 30 ppm/°C (Stable) | | **0R2** | Capacitance Value | 0.2 pF (Picofarads) | | **A** | Tolerance | ± 0.05 pF (Ultra-tight) | | **B** | Termination | Nickel/Tin Plated (Lead-Free) | | **STR** | Packaging | Standard Tape & Reel | --- ### 2. Key Technical Specifications Thin-film technology allows this capacitor to perform with much higher precision than standard multilayer ceramic capacitors (MLCCs). * **Capacitance:** 0.2 pF * **Tolerance:** ± 0.05 pF (Very high precision) * **Voltage (WVDC):** 16V * **Operating Temperature:** -55°C to +125°C * **Technology:** Silicon dioxide/silicon oxynitride dielectric (Thin-Film) * **Q-Factor:** Extremely high (Low loss at GHz frequencies) * **SRF (Self-Resonant Frequency):** Typically in the multi-GHz range. --- ### 3. Application Areas Because of its extremely low capacitance and high precision, this part is not used for power filtering but rather for signal integrity in RF circuits: 1. **Impedance Matching:** Used in RF power amplifiers to match the impedance of the antenna to the circuit. 2. **Filter Networks:** Critical for band-pass and low-pass filters in wireless communication. 3. **VCOs:** Voltage Controlled Oscillators where frequency stability is paramount. 4. **Satellite & Mobile:** Used in GPS, 5G infrastructure, and satellite receivers. --- ### 4. Comparison: Thin-Film vs. Standard MLCC | Feature | Thin-Film (Accu-P) | Standard MLCC | | :--- | :--- | :--- | | **Precision** | Very High (±0.05pF) | Lower (±5-10%) | | **ESR (Resistance)** | Ultra-Low | Moderate | | **Stability** | Excellent over Temp/Freq | Can vary with Voltage/Temp | | **Best Use Case** | RF / GHz Signals | DC Blocking / Decoupling | ---
    ✨ Follow-up Questions
    • ⤷ What are the soldering profile requirements for 0402 thin-film capacitors?
    • ⤷ Can you explain why a 0.2 pF value is preferred over a higher value in RF matching?
    • ⤷ Are there automotive-grade equivalents (AEC-Q200) for the Accu-P series?