CA-RSPNMB004
AI

The **CA-RSPNMB004** is a specialized RF (Radio Frequency) coaxial adapter cable commonly used in wireless networking and industrial telecommunications. Its primary function is to bridge different connector interfaces while maintaining signal integrity.
---
## Technical Specifications & Electronic Components
The "electronic" nature of this part refers to its passive RF transmission characteristics. Below is a breakdown of its physical and electrical composition:
| Feature | Specification Details |
| :--- | :--- |
| **Connector A** | **RP-SMA Male** (Reverse Polarity SMA) |
| **Connector B** | **N-Type Male** |
| **Cable Type** | Typically **LMR-195** or **RG-58** (Low-loss coaxial) |
| **Impedance** | 50 Ohms (Standard for RF) |
| **Frequency Range** | 0 GHz to 6 GHz (Supports 2.4GHz & 5GHz Wi-Fi) |
| **Body Material** | Brass with Nickel or Gold plating |
---
## Breakdown of Key Components
### 1. The Connectors
* **RP-SMA Male:** This is the standard connector found on most Wi-Fi routers and access points. "Reverse Polarity" means the pin and socket configuration is swapped compared to a standard SMA connector.
* **N-Type Male:** A larger, rugged, and weatherproof connector commonly used for outdoor antennas, surge protectors, and industrial base stations.
### 2. The Coaxial Cable
The "wire" part of the assembly consists of four layers:
1. **Center Conductor:** Carries the high-frequency signal (usually copper or copper-clad steel).
2. **Dielectric Insulator:** Maintains the spacing between the core and the shield to ensure a constant 50-ohm impedance.
3. **Shielding:** A braid or foil that prevents Electromagnetic Interference (EMI) and keeps the signal contained.
4. **Outer Jacket:** A UV-resistant PVC or PE layer for environmental protection.
---
## Common Applications
* **Antenna Extension:** Connecting an indoor Wi-Fi router (RP-SMA) to an outdoor high-gain antenna (N-Type).
* **Testing Equipment:** Adapting lab equipment (Spectrum Analyzers) to consumer wireless devices.
* **Signal Boosters:** Integrating cellular or Wi-Fi boosters into existing cable runs.
---
## Electrical Performance Notes
* **Insertion Loss:** Because this is a passive cable, it will introduce a small amount of signal loss (measured in dB). Shorter lengths are preferred to maintain signal strength.
* **VSWR (Voltage Standing Wave Ratio):** Typically rated at < 1.3:1, indicating efficient signal transfer with minimal reflections.
- ⤷
What is the maximum length this cable can be before significant signal loss occurs?
- ⤷ How does an RP-SMA connector differ from a standard SMA connector?
- ⤷ Can this cable be used for 5G cellular applications?