CCP-37SX0-RMS
AI

The **CCP-37SX0-RMS** belongs to the family of coaxial switches, specifically a **failsafe SPDT (Single Pole Double Throw)** electromechanical switch designed for high-frequency RF applications. It is manufactured by Teledyne Coax Switches.
---
### 1. General Specifications
This component is engineered for precision signal routing in telecommunications and test equipment.
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | SPDT (Single Pole Double Throw) |
| **Actuator Type** | Failsafe |
| **Connector Type** | SMA (Female) |
| **Frequency Range** | DC to 18 GHz |
| **Voltage Rating** | 28V DC (Standard) |
| **Impedance** | 50 Ohms |
---
### 2. Key Electronic Features
#### A. Failsafe Actuation
In a "Failsafe" configuration, the switch is normally closed in one position. When the control voltage (28V) is applied, the switch moves to the second position. If power is lost, the switch **automatically returns** to its default position via internal springs.
#### B. RF Performance (DC - 18 GHz)
As a high-frequency component, its electronic design focuses on minimizing signal degradation:
* **Insertion Loss:** Very low loss (typically < 0.5dB at 18GHz) to preserve signal strength.
* **Isolation:** High isolation (typically > 60dB) to prevent crosstalk between channels.
* **VSWR:** Low Voltage Standing Wave Ratio to ensure impedance matching and prevent reflections.
#### C. Connector Interface
The **SMA connectors** are the industry standard for microwave frequencies. The "RMS" suffix often denotes specific mounting or environmental sealing features, depending on the exact sub-series.
---
### 3. Internal Components and Construction
* **Solenoid Coil:** The electromagnet that moves the RF contact when energized.
* **Contact Mechanism:** High-precision gold-plated contacts designed for millions of cycles.
* **Housing:** Robust, EMI-shielded metal enclosure to prevent external interference.
---
### 4. Applications
* **Satellite Communications:** Switching between primary and redundant signal paths.
* **Automated Test Equipment (ATE):** Routing high-frequency signals from a Device Under Test (DUT) to various measurement instruments.
* **Radar Systems:** High-speed signal path selection.
---
- ⤷What is the power consumption of the 28V actuator in this switch?
- ⤷ What is the difference between a failsafe and a latching switch in RF applications?
- ⤷ How many switching cycles is the CCP-37S series typically rated for?