CDACV10M7GA016-R0
AI

## Overview of CDACV10M7GA016-R0
The **CDACV10M7GA016-R0** is a specific type of electronic component known as a **Ceramic Discriminator**, manufactured primarily by **Murata Electronics**. It is designed specifically for FM (Frequency Modulation) detection circuits.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Ceramic Discriminator |
| **Center Frequency (fo)** | 10.700 MHz |
| **Frequency Tolerance** | ±30 kHz |
| **Recovered Audio Voltage** | 650 mV min. (at standard test conditions) |
| **Distortion Factor** | 1.0% max. |
| **Operating Temperature** | -20°C to +80°C |
| **Package Type** | Surface Mount (SMD) |
---
### Key Features and Functionality
The CDACV series utilizes the energy-trapping characteristics of piezoelectric ceramics. Here is how it functions within a circuit:
1. **FM Demodulation:** Its primary role is to convert frequency variations (the FM signal) into voltage variations (the audio signal).
2. **Phase Shifting:** It operates by shifting the phase of the signal based on the frequency deviation, allowing the IC (Integrated Circuit) to "discriminate" the audio data.
3. **Miniaturization:** As an SMD component, it is designed for high-density mounting in modern portable electronics.
4. **Adjustment Free:** Unlike older LC (Inductor-Capacitor) circuits, ceramic discriminators do not require manual tuning during production, which simplifies the manufacturing process.
---
### Common Applications
This part is typically found in the Intermediate Frequency (IF) stage of radio communication equipment:
* **FM Radios:** Standard consumer portable and home radio receivers.
* **Wireless Communication:** Pagers, cordless phones, and walkie-talkies.
* **Car Audio:** Integrated tuners in automotive entertainment systems.
* **IF Modules:** General-purpose FM demodulation stages in electronic receivers.
---
### Comparison: Filter vs. Discriminator
While they look similar, it is important to distinguish between these two:
* **Ceramic Filter (SFELF series):** Used to "pass" or "reject" specific frequency bands to clean up the signal.
* **Ceramic Discriminator (CDACV series):** Used to "decode" the signal to extract the sound/data from the carrier wave.
- ⤷
What are the compatible ICs for the CDACV10M7GA016-R0?
- ⤷ How does temperature affect the frequency stability of this ceramic discriminator?
- ⤷ Can this part be replaced by a standard LC tank circuit in FM detection?