CDMC104NP-R56M
AI

The **CDMC104NP-R56M** is a high-power, surface-mount (SMD) inductor manufactured by **Sumida Corporation**. It belongs to the CDMC series, which is characterized by its use of metal carbonyl powder, providing high saturation current and low core loss.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.56 µH |
| **Tolerance** | ±20% (M) |
| **DC Resistance (DCR)** | 1.80 mΩ (Typical) / 2.10 mΩ (Max) |
| **Saturation Current (Isat)** | 35.0 A (Approx. 30% drop in inductance) |
| **Temperature Rise Current (Irms)** | 23.0 A (Approx. 40°C rise) |
| **Dimensions (LxWxH)** | 11.5 x 10.4 x 4.0 mm |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's construction:
* **CDMC**: Series name (Metal Composite Core).
* **104**: Size code (approx. 10mm x 10mm footprint, 4mm height).
* **NP**: Standard packaging/termination style.
* **R56**: Inductance value (R = decimal point; 0.56 microhenries).
* **M**: Tolerance (±20%).
---
### 3. Core Features and Benefits
The CDMC104NP-R56M is designed for high-performance power electronics:
* **Metal Composite Construction:** Unlike traditional ferrite cores, the metal powder core results in a "soft saturation" characteristic. This prevents the inductor from losing all inductance suddenly during current spikes.
* **Low DCR:** The very low DC resistance (1.8mΩ) ensures high efficiency by minimizing power loss through heat.
* **Low Acoustic Noise:** The molded construction reduces buzzing sounds common in high-frequency switching.
* **Shielded Design:** It is magnetically shielded, which reduces Electromagnetic Interference (EMI) with neighboring components on the PCB.
---
### 4. Common Applications
This inductor is typically found in high-current DC-DC converter circuits, such as:
1. **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power supplies for servers and high-end PCs.
2. **Point of Load (POL) Converters:** Used in telecommunications equipment.
3. **Automotive Electronics:** Infotainment systems and LED lighting drivers.
4. **Battery Powered Devices:** High-capacity power banks or industrial handhelds.
- ⤷
What are the main competitors or equivalent series to Sumida's CDMC line?
- ⤷ How does the 'soft saturation' of a metal composite core differ from a ferrite core?
- ⤷ In what circuit scenarios would a 0.56uH inductor be preferred over a 1.0uH inductor?