CDMC6D28NP-R20MB
AI

## Analysis of CDMC6D28NP-R20MB
The **CDMC6D28NP-R20MB** is a high-performance, shielded surface-mount (SMD) power inductor manufactured by **Sumida**. It is specifically designed for high-current power supply applications where space and efficiency are critical.
---
### 1. Key Technical Specifications
The following table breaks down the electrical and physical characteristics of this component:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.20 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **DC Resistance (DCR)** | 2.50 mΩ (Typical) / 3.00 mΩ (Max) |
| **Saturation Current (Isat)** | ~22.0 Amperes |
| **Temperature Rise Current (Irms)** | ~20.0 Amperes |
| **Operating Temperature** | -40°C to +125°C (including self-heating) |
| **Dimensions (L x W x H)** | 7.25 x 6.6 x 3.0 mm |
| **Construction** | Metal Compound Molding (Shielded) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the series features:
- **CDMC**: Series name (Metal Compound Molded Inductor).
- **6D28**: Physical size (approx. 6mm footprint, 2.8mm height).
- **NP**: Packaging type (Standard Carrier Tape).
- **R20**: Inductance value (R20 = 0.20 microhenries).
- **M**: Tolerance (M = ±20%).
- **B**: Specific internal code/revision.
---
### 3. Core Features and Benefits
1. **Metal Compound Structure**: Unlike traditional ferrite drum cores, this part uses a metal powder molding technology. This results in a **soft saturation** characteristic, meaning the inductance doesn't drop abruptly when current exceeds the limit.
2. **Magnetic Shielding**: The molded design inherently provides magnetic shielding, which minimizes Electromagnetic Interference (EMI) with surrounding components.
3. **Low DCR**: The extremely low DC resistance (2.5mΩ) ensures minimal power loss and high efficiency in high-current DC-DC converters.
4. **High Reliability**: The robust construction is resistant to mechanical shock and vibration, making it suitable for industrial environments.
---
### 4. Typical Applications
* **Voltage Regulator Modules (VRMs)** for CPUs and GPUs.
* **DC/DC Converters** in telecommunications and distributed power systems.
* **High-current POL (Point of Load)** converters.
* **Battery-powered devices** where high efficiency is required to extend battery life.
---
- ⤷
What is the difference between Isat and Irms for this inductor?
- ⤷ How does the metal compound molding affect EMI compared to ferrite cores?
- ⤷ Can this inductor be used in automotive applications (AEC-Q200)?