CDMC6D28NP-R68MC
AI

The **CDMC6D28NP-R68MC** is a high-performance, surface-mount (SMD) power inductor manufactured by **Sumida**. It belongs to the CDMC series, which is specifically designed for high-current applications where space is limited and efficiency is critical.
---
### 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of this component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **Tolerance** | ±20% (M) |
| **DC Resistance (DCR)** | 4.80 mΩ (Typical) |
| **Saturation Current (Isat)** | 18.0 A (Approx.) |
| **Temperature Rise Current (Irms)** | 14.5 A (Approx.) |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions (L x W x H)** | 7.25 x 6.8 x 3.0 mm |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying variants within the same series:
- **CDMC**: Series name (Molded Power Inductor).
- **6D28**: Size code (approx. 6.8mm footprint width and 2.8mm - 3.0mm height).
- **NP**: Packaging code (Standard Carrier Tape).
- **R68**: Inductance value (R68 = 0.68 µH).
- **M**: Tolerance (±20%).
- **C**: Internal control/production code.
---
### 3. Key Features and Construction
This component utilizes **Metal Compound Molding** technology, which offers several advantages over traditional wire-wound ferrite inductors:
* **Magnetic Shielding:** The molded structure acts as a natural shield, minimizing Electromagnetic Interference (EMI) with surrounding components.
* **Soft Saturation:** Unlike ferrite cores that lose inductance abruptly at high currents, the metal powder core exhibits "soft saturation," maintaining more stable inductance as current increases.
* **Low Profile:** The "6D28" height (max 3.0mm) is ideal for compact mobile electronics and thin PCB designs.
* **High Efficiency:** Very low DCR (Direct Current Resistance) reduces power loss via heat, improving the overall efficiency of power converters.
---
### 4. Common Applications
The CDMC6D28NP-R68MC is primarily used in **DC-DC Converter** circuits for:
1. **Notebooks and Tablets:** VRM (Voltage Regulator Module) for CPUs and GPUs.
2. **Smartphones:** Power management IC (PMIC) peripheral circuits.
3. **Communication Base Stations:** High-current power supplies for local processing units.
4. **SSD Drives:** Ensuring stable power delivery during high-speed data writes.
---
- ⤷
What are the equivalent alternative parts from other manufacturers like Coilcraft or TDK?
- ⤷ How does the 'soft saturation' property of this inductor affect power supply stability?
- ⤷ Can this inductor be used in automotive applications requiring AEC-Q200 qualification?