CDMC8D28NP-R18MC
AI

The **CDMC8D28NP-R18MC** is a high-performance, surface-mount (SMD) power inductor manufactured by **Sumida**. It belongs to the CDMC series, which is characterized by its metal composite core construction.
---
### 1. Technical Specifications
The part number encodes specific characteristics of the component. Below are the primary technical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.18 µH |
| **Tolerance** | ±20% (M) |
| **DC Resistance (Max)** | 1.80 mΩ |
| **Saturation Current (Isat)** | ~34.0 A (at 20°C) |
| **Temperature Rise Current (Irms)** | ~25.0 A |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions (LxWxH)** | 8.4 x 8.0 x 3.0 mm |
---
### 2. Key Construction Features
The "Metal Composite" structure provides several advantages over traditional ferrite core inductors:
* **Magnetic Shielding:** The molded construction naturally shields the component, minimizing Electromagnetic Interference (EMI) with surrounding components.
* **Soft Saturation:** Unlike ferrite cores that drop inductance sharply when exceeding current limits, this metal powder core exhibits a gradual (soft) saturation curve.
* **High Current Density:** The flat-wire or specialized coil design inside allows for extremely low DC resistance (DCR), reducing heat generation during high-current operation.
* **Robustness:** The molded body provides high resistance to mechanical shock and vibration.
---
### 3. Application Areas
This specific inductor is designed for high-efficiency power supplies where space is limited but current demands are high.
* **DC/DC Converters:** Ideal for Point-of-Load (POL) converters in laptops and servers.
* **Voltage Regulator Modules (VRM):** Used in CPU/GPU power stages due to the very low 0.18µH inductance, which allows for fast transient response.
* **Automotive/Industrial:** High-temperature stability makes it suitable for advanced driver-assistance systems (ADAS) or industrial control boards.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Code | Meaning |
| :--- | :--- |
| **CDMC** | Series Name (Metal Composite Inductor) |
| **8D28** | Case Size (Approx. 8x8x2.8mm) |
| **NP** | Lead-free / RoHS Compliant |
| **R18** | Inductance Value (R18 = 0.18 µH) |
| **M** | Tolerance (±20%) |
| **C** | Packing (Carrier Tape/Reel) |
- ⤷
What are the main differences between this metal composite inductor and a standard ferrite core inductor?
- ⤷ Can you provide the footprint layout dimensions for soldering this component?
- ⤷ How does the 'soft saturation' characteristic affect the efficiency of a buck converter?