CDMC8D28NP-R39MC
AI

The **CDMC8D28NP-R39MC** is a high-performance, surface-mount (SMD) power inductor manufactured by **Sumida Corporation**. It is specifically designed for high-current applications where efficiency and low profile are critical.
---
### 1. Technical Specifications
The part number encodes specific electrical and physical characteristics. Here is the breakdown:
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.39 µH (indicated by "R39") |
| **Tolerance** | ±20% (indicated by "M") |
| **DC Resistance (DCR)** | ~1.60 mΩ (Typical) |
| **Saturation Current ($I_{sat}$)** | ~31.0 A |
| **Temperature Rise Current ($I_{rms}$)** | ~21.0 A |
| **Dimensions (L x W x H)** | 9.2 x 8.3 x 3.0 mm |
| **Core Material** | Metal Compound (Magnetic Iron Powder) |
---
### 2. Key Components & Construction
The CDMC series utilizes a **metal compound molding technology**. This construction provides several advantages over traditional ferrite wire-wound inductors:
* **Shielded Construction:** The magnetic powder core acts as a natural shield, minimizing Electromagnetic Interference (EMI) with surrounding components.
* **Soft Saturation:** Unlike ferrite cores that lose inductance abruptly at high currents, the metal powder core exhibits "soft saturation," allowing the inductor to maintain stability during current spikes.
* **Low DCR:** The use of thick copper wire ensures extremely low DC resistance, which reduces power loss and heat generation.
---
### 3. Typical Applications
This inductor is commonly found in power management circuits for high-end electronics:
1. **DC/DC Converters:** Used in Point-of-Load (POL) modules for CPUs and GPUs.
2. **Voltage Regulator Modules (VRM):** Essential for high-current power stages in laptops and servers.
3. **Automotive Electronics:** Suitable for infotainment and ADAS systems due to its robust thermal performance.
4. **Battery Powered Devices:** High efficiency helps extend battery life in portable hardware.
---
### 4. Part Number Decoder
Understanding the Sumida nomenclature for this specific part:
| Code Segment | Meaning |
| :--- | :--- |
| **CDMC** | Series Name (Molded Power Inductor) |
| **8D28** | Size code (approx. 8.0mm width, 2.8mm height) |
| **NP** | Standard packaging/termination type |
| **R39** | Value (0.39 microhenries) |
| **M** | Tolerance (±20%) |
| **C** | Taping/Reel code |
- ⤷
What are the thermal limitations of the CDMC8D28NP-R39MC?
- ⤷ How does soft saturation in metal powder cores compare to ferrite cores?
- ⤷ What are the recommended soldering profiles for this SMD inductor?