Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • CDP2DP1MBD

  • AI
    The **CDP2DP1MBD** is a specific electronic component produced by **StarTech.com**. Technically, it is an active adapter cable that converts signals from **USB-C (DisplayPort Alt Mode)** to **DisplayPort 1.2**. Below is a detailed breakdown of its electronic components, specifications, and internal architecture. --- ### 1. Functional Overview The device functions as a "protocol converter." Since USB-C and DisplayPort use different physical connectors and signaling voltages for control data, the cable contains an integrated circuit (IC) to bridge these standards. ### 2. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Interface** | USB Type-C (Male) | | **Output Interface** | DisplayPort 1.2 (Male) | | **Maximum Resolution** | 3840 x 2160 (4K) @ 60Hz | | **Bandwidth** | HBR2 (High Bit Rate 2) support up to 21.6 Gbps | | **Chipset ID** | Pericom - PI3WVR12412 (Typical for this model series) | | **Audio Support** | 7.1 Surround Sound | --- ### 3. Internal Electronic Components #### A. The Active Chipset (The "Brain") Unlike a passive cable, the CDP2DP1MBD contains an **Active Signal Converter**. * **Protocol Mapping:** It maps the "DisplayPort Alt Mode" pins of the USB-C connector to the standard DisplayPort pinout. * **Signal Re-clocking:** To maintain 4K @ 60Hz over a 1-meter distance, the chip cleans up signal jitter and ensures timing synchronization. #### B. Power Management * **Bus-Powered:** The electronics inside the cable are powered directly by the **VBUS** pin (5V) of the USB-C source. * **Voltage Regulators:** Internal LDO (Low Dropout) regulators step down the 5V USB power to the 3.3V or 1.2V required by the internal logic gates of the converter chip. #### C. Physical Construction (The "Hardware") * **Shielding:** The cable utilizes Al-Mylar foil with braid shielding to protect the high-speed differential pairs from EMI (Electromagnetic Interference). * **PCB (Printed Circuit Board):** A miniature multi-layer PCB is housed inside the USB-C connector head. This board hosts the chipset, resistors for impedance matching, and capacitors for noise filtering. --- ### 4. Signal Flow Diagram ```mermaid graph LR A[USB-C Source] -->|DP Alt Mode Signals| B[Integrated Circuit] B -->|Active Conversion/Timing| C[DP 1.2 Connector] C -->|Video/Audio Data| D[4K Monitor] ``` ### 5. Compatibility Notes From an electronic standpoint, this part requires the host device's USB-C port to support **DisplayPort Alternate Mode**. It is a **unidirectional** cable; it can only convert a USB-C source to a DisplayPort display, not the other way around.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an active and a passive USB-C to DisplayPort adapter?
    • ⤷ Can this cable support HDR or higher refresh rates at lower resolutions?
    • ⤷ Does this cable require specific drivers to function on Windows or macOS?