Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • CF322513-R12K

  • AI
    The **CF322513-R12K** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency circuits for filtering, decoupling, and impedance matching. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. Part Number Deciphering The part number follows a standard nomenclature for electronic components: | Segment | Meaning | Details | | :--- | :--- | :--- | | **CF** | Series Code | Typically refers to a Wire-wound Chip Inductor series. | | **322513** | Case Size | Dimensions: 3.2mm x 2.5mm x 1.3mm (EIA 1210). | | **R12** | Inductance Value | R denotes a decimal point. **0.12 µH** (120 nH). | | **K** | Tolerance | **±10%** variation from the nominal value. | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer (e.g., Bourns, Taiyo Yuden), the typical parameters for an R12K in this footprint are: | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 0.12 µH (120 nH) | | **Tolerance** | ±10% | | **Quality Factor (Q min)** | 20 - 30 (at specific test frequency) | | **Self-Resonant Frequency (SRF)** | ~450 MHz to 500 MHz | | **DC Resistance (DCR max)** | 0.20 - 0.50 Ω | | **Rated Current (Idc)** | 300 mA - 450 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Construction and Features * **Wire-Wound Technology:** Uses a copper wire wound around a ceramic or ferrite core. This provides higher Q-factors and higher current handling compared to multilayer inductors. * **Encapsulation:** Usually coated with a heat-resistant resin or molded to protect the wire from mechanical damage and moisture. * **Surface Mount (SMD):** Designed for automated pick-and-place assembly on PCBs. --- ### 4. Common Applications Due to its low inductance (120 nH) and high-frequency stability, it is used in: 1. **RF Circuits:** Matching networks in wireless communication devices. 2. **Filtering:** Removing high-frequency noise from power lines (DC-DC converters). 3. **Signal Conditioning:** Maintaining signal integrity in high-speed data lines. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between wire-wound and multilayer chip inductors?
    • ⤷ How does the 'Q factor' affect the performance of this inductor in an RF circuit?
    • ⤷ Are there specific brands that manufacture the CF322513-R12K?