AI

The **CFAG1602A-RGL-JP** is a character Liquid Crystal Display (LCD) module manufactured by Crystalfontz. It is designed for displaying text, typically consisting of 16 characters across 2 lines.
Below is a breakdown of its core electronic specifications and features.
---
### 1. General Specifications
| Feature | Details |
| :--- | :--- |
| **Display Format** | 16 Characters x 2 Lines |
| **LCD Mode** | STN Gray, Positive, Reflective |
| **Interface** | 6800 4-bit or 8-bit Parallel |
| **Controller** | ST7066U (or compatible) |
| **Character Set** | English / Japanese (Katakana) |
---
### 2. Electrical Characteristics
These parameters are critical for ensuring the display operates without damage to the logic or the liquid crystal material.
* **Supply Voltage ($V_{DD}$):** Typically **5.0V** (range of 4.5V to 5.5V).
* **Supply Current ($I_{DD}$):** Approximately **1.2mA to 2.0mA** (very low power since it is reflective).
* **LCD Driving Voltage ($V_{DD} - V_O$):** Roughly **4.5V at 25°C**. This is adjusted via a potentiometer to control contrast.
---
### 3. Pinout Configuration
The module uses a standard 16-pin interface (though reflective models may only utilize 14 pins if no backlight is present).
| Pin No. | Symbol | Function |
| :--- | :--- | :--- |
| 1 | VSS | Ground (0V) |
| 2 | VDD | Supply Voltage (+5V) |
| 3 | VO | Contrast Adjustment |
| 4 | RS | Register Select (High: Data / Low: Instruction) |
| 5 | R/W | Read/Write (High: Read / Low: Write) |
| 6 | E | Enable Signal |
| 7-14 | DB0-DB7 | Data Bus Lines |
---
### 4. Key Electronic Components
1. **ST7066U Controller:** This is the "brain" of the module. It handles the DDRAM (Display Data RAM) which stores the characters and the CGROM (Character Generator ROM) which contains the font bitmaps.
2. **Reflective Polarizer:** Unlike transmissive displays, this model uses a **Reflective** rear polarizer. It relies on ambient light to be visible and does not have an internal LED backlight. This makes it ideal for high-sunlight environments and ultra-low power applications.
3. **Temperature Compensation:** The contrast of the STN fluid changes with temperature. In many circuits, a thermistor or a manual potentiometer is used on **Pin 3 (VO)** to maintain visibility as the environment warms or cools.
---
### 5. Interfacing Example (Arduino/C++)
To drive this part, you would typically use a standard Hitachi HD44780 compatible library.
```cpp
#include
// Initialize the library with the numbers of the interface pins
// RS, E, D4, D5, D6, D7
LiquidCrystal lcd(12, 11, 5, 4, 3, 2);
void setup() {
lcd.begin(16, 2);
lcd.print("Hello, World!");
}
void loop() {
// Cursor moves to line 1, column 0
lcd.setCursor(0, 1);
lcd.print("CFAG1602A Test");
}
```
---
- ⤷How do I adjust the contrast if the screen appears blank?
- ⤷ What is the power consumption difference between this reflective model and a backlit one?
- ⤷ Can I display custom icons or symbols on this LCD?