CK45-R3AD331K-VRA
AI

The **CK45-R3AD331K-VRA** is a high-voltage ceramic disc capacitor manufactured by TDK Corporation. It is primarily designed for use in power supply circuits, noise suppression, and high-voltage decoupling applications.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CK45** | Series Name | TDK High Voltage Ceramic Disc series |
| **R3AD** | Voltage/Temp Char. | Temperature characteristic (Class 2) / Voltage rating |
| **331** | Capacitance Code | 330 pF (33 + one zero) |
| **K** | Tolerance | ±10% |
| **-VRA** | Packaging/Form | Bulk or Taped (Specific lead shape/packaging) |
---
### 2. Key Technical Specifications
These are the critical electrical parameters for engineering design:
* **Capacitance:** 330 pF (Picofarads)
* **Rated Voltage:** 1kV DC (1000 Volts)
* **Temperature Characteristic:** R (Low dissipation factor, stable under high voltage)
* **Tolerance:** ±10%
* **Mounting Type:** Through-hole (Radial leaded)
* **Dielectric Type:** Class 2 Ceramic
---
### 3. Applications and Use Cases
This specific part is often found in circuits where high voltage management is necessary within a small footprint:
* **Switching Power Supplies (SMPS):** Used for snubber circuits to protect MOSFETs from voltage spikes.
* **Noise Filters:** Suppressing high-frequency electromagnetic interference (EMI).
* **Ballast Electronics:** Used in lighting circuits to manage high-voltage ignition and operation.
* **Horizontal Resonance:** Found in legacy CRT display circuits or high-voltage DC-DC converters.
---
### 4. Physical Construction
The device consists of a ceramic dielectric disc coated with metal electrodes. The entire body is encapsulated in a flame-retardant epoxy resin (UL94V-0 compliant) to ensure safety under high thermal stress.
```markdown
Structure:
[Lead Wire] --- [Solder] --- [Silver Electrode] --- [Ceramic Disc] --- [Epoxy Coating]
```
---
- ⤷What is the difference between Class 1 and Class 2 ceramic capacitors?
- ⤷ Can this capacitor be used in AC line-to-ground (Y-capacitor) applications?
- ⤷ What are the recommended soldering conditions for the CK45 series?