CLR-25-10-R-P-A-K11-R8
AI

The model **CLR-25-10-R-P-A-K11-R8** refers to a high-precision **Linear Swivel Clamp** manufactured by **Festo**. While it is primarily a pneumatic actuator, it contains several "electronic-ready" components and specific mechanical features that interface with electronic control systems.
---
### 1. Technical Specification Overview
| Feature | Specification |
| :--- | :--- |
| **Bore Size** | 25 mm |
| **Stroke** | 10 mm |
| **Swivel Direction** | Right-hand (R) |
| **Cushioning** | P: Flexible cushioning rings/plates at both ends |
| **Position Sensing** | A: Via proximity sensor (Electronic interface) |
| **Protection** | K11: Clamping strap for sensor mounting |
| **Wiper/Scraper** | R8: Dust and weld spatter protection |
---
### 2. Electronic & Sensing Components
Although the movement is powered by compressed air, the "electronic" side of this part involves how it communicates with a PLC (Programmable Logic Controller).
#### A. Position Sensing (Suffix "A")
This unit features an internal **permanent magnet** located on the piston.
- **Function:** This allows for non-contact sensing of the piston position.
- **Electronic Integration:** It is designed to work with **T-slot proximity sensors** (such as the Festo SMT-8M or SME-8M).
- **Signal Output:** These sensors typically provide a PNP or NPN digital signal to an electronic controller to confirm if the clamp is "Open" or "Closed."
#### B. The K11 Mounting Interface
The **K11** designation refers to the specific hardware used to hold the electronic sensors.
- It includes a **clamping strap** or rail that allows the user to slide sensors along the cylinder body to fine-tune the electronic switching point.
#### C. Control Interface (Solenoid Valves)
To operate this part electronically, it must be paired with an **Electronic Solenoid Valve** (e.g., Festo VUVG series).
- **Input:** 24V DC signal from a PLC.
- **Action:** The valve converts the electronic pulse into pneumatic pressure to move the swivel clamp.
---
### 3. Mechanical & Environmental Features (R8)
The **R8** suffix is critical for the longevity of the electronic sensors in harsh environments:
- **Scraper:** It features a specialized metal scraper that prevents dust, chips, or weld spatter from entering the cylinder.
- **Protection:** By keeping the piston rod clean, it ensures the magnetic field remains consistent for the electronic sensors, preventing "false triggers" or sensor failure due to mechanical interference.
---
### 4. Typical Application Circuit
1. **PLC Output:** Sends 24V signal to Solenoid Valve.
2. **Actuator:** CLR-25-10 rotates and clamps down.
3. **Proximity Sensor:** Detects the internal magnet, sends a "Clamp Engaged" signal back to the **PLC Input**.
- ⤷
Which specific proximity sensors are compatible with the K11 mounting strap?
- ⤷ What is the difference between the R (Right) and L (Left) swivel versions in terms of wiring?
- ⤷ How do you adjust the electronic switching points on a CLR series clamp?