CLR-63-20-R-P-A-K11-R8
AI

The part number **CLR-63-20-R-P-A-K11-R8** identifies a specific **Linear Swivel Clamp** manufactured by **Festo**, a leader in automation technology. While this is primarily a pneumatic/mechanical actuator, it contains specific electronic and integration components defined by its suffix.
---
### Part Breakdown and Technical Specifications
| Code | Feature | Description |
| :--- | :--- | :--- |
| **CLR** | Series | Linear swivel clamp (combines linear stroke with a rotation). |
| **63** | Piston Diameter | 63 mm (determines the clamping force). |
| **20** | Stroke Length | 20 mm total stroke. |
| **R** | Swivel Direction | Swivels to the **Right** during the clamping motion. |
| **P** | Cushioning | Flexible cushioning rings/plates at both ends to reduce impact. |
| **A** | Position Sensing | **Integrated Magnet** in the piston for proximity sensors. |
| **K11** | Protection | Specific dust/scrap protection or bellows (Application-specific). |
| **R8** | Dust Protection | Enhanced protection against dust and welding spatter. |
---
### Key Electronic Components
The "Electronic" aspect of this part refers to how it interfaces with a PLC (Programmable Logic Controller) or a control system.
#### 1. Magnetic Position Sensing (Code: A)
The piston contains an internal permanent magnet. This allows the attachment of **proximity sensors** (typically T-slot sensors like the Festo SMT or SME series).
* **Function:** Detects if the clamp is "Open" or "Closed."
* **Signal Type:** Digital (PNP, NPN, or Reed contact).
* **Connection:** Usually M8 or M12 connectors or open cable ends.
#### 2. Control Interface
To operate this unit electronically, it must be paired with a **Solenoid Valve**.
* **Requirement:** 5/2-way or 5/3-way valve.
* **Voltage:** Commonly 24V DC for industrial automation.
* **Feedback Loop:** The sensors send a 24V signal back to the PLC once the mechanical stroke is completed.
---
### Usage in Automated Systems
This specific configuration (with R8 dust protection) is often used in **Welding Cells** or **Woodworking**, where electronic sensors must be protected from harsh environments while providing precise feedback to the main controller.
---
- ⤷What specific proximity sensor models are compatible with the CLR series?
- ⤷ How do I calculate the clamping force for a 63mm piston diameter?
- ⤷ What are the maintenance requirements for the R8 dust protection feature?