CM252016-R82M
AI

## Technical Overview: Bourns CM252016-R82M
The **CM252016-R82M** is a surface-mount (SMD) wirewound chip inductor manufactured by **Bourns**. It belongs to the CM252016 series, which is characterized by its compact 1008 (2520 metric) size and high-frequency performance.
### 1. Key Specifications
The following table outlines the primary electrical and physical characteristics of this component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.82 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **Case Size** | 1008 (2520 Metric) |
| **DC Resistance (DCR)** | 0.95 Ohms (Max) |
| **Rated Current (Idc)** | 225 mA |
| **Self-Resonant Frequency (SRF)** | 145 MHz (Min) |
| **Q Factor (Min)** | 25 @ 25.2 MHz |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying variants within the same series:
* **CM**: Series prefix for Wirewound Chip Inductors.
* **252016**: Physical dimensions (2.5mm x 2.0mm x 1.6mm).
* **R82**: Inductance code (R82 = 0.82 µH).
* **M**: Tolerance code (M = ±20%).
---
### 3. Construction and Materials
The device is built using a **wirewound** construction on a non-magnetic (phenolic) or ferrite core, depending on the specific inductance range.
* **Termination:** High-quality solder-plated copper leads designed for reflow soldering.
* **Encapsulation:** The coil is typically protected by an epoxy resin or molded body to provide mechanical stability and protection against environmental factors.
---
### 4. Typical Applications
Due to its high Q-factor and stable performance at high frequencies, the CM252016-R82M is commonly used in:
1. **RF Communication:** Mobile phones, GPS receivers, and Wi-Fi modules.
2. **Signal Conditioning:** Filtering and matching circuits in high-frequency signal paths.
3. **Consumer Electronics:** Wearables and handheld devices where space is at a premium.
4. **Oscillators:** Serving as a frequency-determining element in LC circuits.
- ⤷
What is the difference between wirewound and multilayer inductors in this size?
- ⤷ Can this inductor be used in high-power DC-DC converters?
- ⤷ What are the recommended soldering profiles for the CM252016 series?