Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • CM453232-R56M

  • AI
    ## Overview of the CM453232-R56M Inductor The **CM453232-R56M** is a surface-mount device (SMD) power inductor commonly used in consumer electronics, telecommunications, and industrial power management circuits. It belongs to the wire-wound chip inductor category, designed for high reliability and efficiency in small form factors. --- ### 1. Part Number Deciphering Understanding the part number is crucial for identifying its technical specifications: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **CM** | Series Type | Chip Molded Inductor | | **453232** | Case Size (Metric) | 4.5mm x 3.2mm x 3.2mm (approx. 1812 EIA) | | **R56** | Inductance Value | 0.56 µH (Microhenries) | | **M** | Tolerance | ±20% | --- ### 2. Key Technical Specifications Based on standard datasheets for this component (typically manufactured by Bourns or similar vendors): | Parameter | Value | | :--- | :--- | | **Inductance** | 0.56 µH | | **Tolerance** | ±20% | | **Self-Resonant Frequency (Min)** | ~350 MHz | | **DC Resistance (Max)** | ~0.19 Ω | | **Rated Current (Idc)** | ~450 mA | | **Operating Temperature** | -40°C to +125°C | | **Material** | Ferrite Core / Wire-wound | --- ### 3. Structural Features The component is built using a **Wire-wound** construction method: * **Core Material:** Ferrite, which provides high magnetic permeability and efficient energy storage. * **Encapsulation:** It is usually "molded" or epoxy-coated, which offers excellent mechanical strength and environmental protection against moisture and vibration. * **Terminations:** Solder-plated electrodes designed for reflow soldering processes. --- ### 4. Common Applications Due to its 0.56 µH inductance and current rating, it is typically used in the following scenarios: 1. **DC-DC Converters:** Acts as an energy storage element in low-power buck or boost converters. 2. **Signal Filtering:** Used in EMI/RFI filtering to suppress high-frequency noise in communication lines. 3. **Decoupling:** Prevents high-frequency noise from traveling between different sections of a PCB. 4. **RF Circuits:** Due to its high self-resonant frequency (SRF), it can be used in RF matching and tuning circuits. --- ### 5. Equivalent Footprint If you are designing a PCB, the 453232 metric size corresponds to the **1812 (Imperial)** package. This is a relatively large SMD size compared to modern 0402 or 0603 components, allowing it to handle higher currents and provide higher Q-factors.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a wire-wound inductor and a multilayer inductor?
    • ⤷ How does the SRF (Self-Resonant Frequency) affect the performance of this part?
    • ⤷ Can I substitute an 1812 size inductor with a 1210 size if the inductance is the same?