CPL2-2-50TR-R
AI

## Technical Overview of CPL2-2-50TR-R
The **CPL2-2-50TR-R** is a high-frequency, surface-mount **Coupled Inductor** (also referred to as a Common Mode Choke or Dual Inductor) manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the CPL series, specifically designed for high-density power applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 50 nH per winding |
| **Current Rating (Irms)** | ~27A to 40A (Design dependent) |
| **DC Resistance (DCR)** | Extremely Low (Approx. 0.6 mΩ per phase) |
| **Number of Phases** | 2 |
| **Package / Case** | SMD (approx. 7.0 x 6.0 x 5.0 mm) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMT) |
---
### 2. Functional Characteristics
The CPL2-2-50TR-R is not a standard inductor; it is a **Coupled Inductor** utilized primarily in multi-phase voltage regulator modules (VRMs).
* **Magnetic Coupling:** The two windings are wound on a single core. This allows for magnetic flux cancellation, which helps reduce steady-state ripple current while maintaining fast transient response.
* **Low DCR:** The use of flat wire or heavy copper plating ensures extremely low DC resistance, which translates to high efficiency and minimal heat generation under high current loads.
* **High Frequency:** It is optimized for switching frequencies ranging from 300 kHz to over 2 MHz.
---
### 3. Common Applications
This component is typically found in high-performance computing environments where space is limited and current demands are high:
1. **Vcore Regulators:** Powering CPUs and GPUs in servers and workstations.
2. **Multi-phase Buck Converters:** Used in Point-of-Load (POL) modules to convert high voltage (12V) down to sub-1V levels.
3. **Data Centers:** High-density power supplies where efficiency and thermal management are critical.
---
### 4. Part Number Breakdown
* **CPL:** Coupled Inductor Series.
* **2:** Number of phases (2 windings).
* **2:** Size/Series identifier.
* **50:** Inductance value (50 nanohenries).
* **TR:** Tape and Reel packaging.
* **-R:** RoHS compliant.
---
- ⤷
What are the advantages of using a coupled inductor over two discrete inductors?
- ⤷ How does the 50nH inductance affect the transient response in a VRM circuit?
- ⤷ Can this part be used as a standard Common Mode Choke for EMI filtering?