CS321613-R12K
AI

The **CS321613-R12K** is a surface-mount (SMD) multilayer chip inductor. It is commonly used in high-frequency circuits for filtering, decoupling, and impedance matching.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the physical and electrical properties:
| Component | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | CS | Chip Inductor (Multilayer) |
| **Size (Metric)** | 3216 | 3.2mm x 1.6mm (Equivalent to **1206** Imperial) |
| **Thickness** | 13 | 1.3mm thickness |
| **Inductance** | R12 | 0.12 microhenries (µH) or 120 nanohenries (nH) |
| **Tolerance** | K | ±10% |
---
### 2. Technical Specifications
These values are typical for this specific component across major manufacturers (like Bourns or Chilisin):
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.12 µH (120 nH) |
| **Test Frequency** | 25 MHz |
| **Quality Factor (Q min)** | 30 |
| **Self-Resonant Frequency (SRF)** | ~320 MHz |
| **DC Resistance (DCR max)** | 0.50 Ω |
| **Rated Current (max)** | 300 mA |
| **Operating Temperature** | -55°C to +125°C |
---
### 3. Key Electronic Features
* **Multilayer Construction:** Unlike wire-wound inductors, this part is made by layering ceramic and conductive materials. This results in a monolithic, solid structure that is highly reliable and magnetically shielded.
* **High Density:** Provides a high inductance value within a relatively small footprint (1206 package).
* **Magnetic Shielding:** The closed magnetic circuit minimizes crosstalk and electromagnetic interference (EMI) with neighboring components on the PCB.
* **Soldering Compatibility:** Designed for excellent solderability and heat resistance, suitable for flow or reflow soldering processes.
---
### 4. Common Applications
* **Signal Processing:** Used in high-frequency signal lines to filter out noise.
* **Power Supplies:** Acts as a decoupling element in low-current DC-DC converter circuits to stabilize voltage.
* **Communication Equipment:** Found in mobile phones, Wi-Fi modules, and Bluetooth devices for RF impedance matching.
* **Consumer Electronics:** Used in motherboards, tablets, and video cards.
- ⤷
What is the difference between a multilayer chip inductor and a wire-wound inductor?
- ⤷ How does the 'Q factor' impact the performance of this inductor in an RF circuit?
- ⤷ Are there specific footprint recommendations for soldering a 1206 package?