CS321613-R33K
AI

The **CS321613-R33K** is a surface-mount multi-layer chip inductor. It is commonly used in high-frequency circuits for noise filtering, signal shaping, and impedance matching.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CS** | Series Type | Multi-layer Chip Inductor (Standard) |
| **321613** | Dimensions | Metric size (3.2mm x 1.6mm x 1.3mm) / EIA 1206 |
| **R33** | Inductance Value | **0.33 µH** (R denotes the decimal point) |
| **K** | Tolerance | **±10%** |
---
### 2. Technical Specifications
The typical electrical parameters for this specific component are as follows:
* **Inductance:** 0.33 µH
* **Case Size:** 1206 (Inch) / 3216 (Metric)
* **Tolerance:** ±10%
* **Test Frequency:** Usually measured at 25 MHz
* **DC Resistance (DCR):** Low (typically < 0.60 Ω) to minimize power loss.
* **Rated Current:** Typically ranges between 150mA to 300mA depending on the specific manufacturer.
* **Self-Resonant Frequency (SRF):** High frequency (often > 150 MHz).
---
### 3. Key Features & Construction
The CS321613 series is built using **Multi-layer Technology**, which offers several advantages:
1. **Magnetic Shielding:** The closed magnetic circuit minimizes crosstalk and electromagnetic interference (EMI) with surrounding components.
2. **Monolithic Structure:** Provides high reliability and excellent solder heat resistance for automated SMT (Surface Mount Technology) assembly.
3. **No Cross-coupling:** Because the magnetic flux is contained within the body, it is ideal for high-density PCB layouts.
---
### 4. Common Applications
Due to its 0.33 µH inductance and 1206 form factor, it is frequently used in:
* **Filtering:** Removing high-frequency noise in DC power lines.
* **RF Circuits:** Impedance matching in wireless communication modules (Bluetooth, Wi-Fi).
* **Consumer Electronics:** Used in smartphones, tablets, and computing motherboards.
---
### 5. Equivalent/Alternative Parts
If this specific part is unavailable, engineers often look for:
* **Murata:** LQH32 series or LQM31 series.
* **TDK:** MLZ3216 or MLF3216 series.
* **Taiyo Yuden:** HK3216 or LK3216 series.
- ⤷
What are the main differences between a wire-wound inductor and this multi-layer chip inductor?
- ⤷ How do I calculate the ripple voltage if I use this inductor in a filter circuit?
- ⤷ What is the impact of exceeding the 'Rated Current' on a component like the R33K?