CSAB0718-R82M
AI

The **CSAB0718-R82M** is a high-current, surface-mount (SMD) power inductor. It is commonly used in DC-DC converters and voltage regulator modules (VRMs) due to its high efficiency and compact size.
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics:
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.82 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by 'M') |
| **Size Code** | 0718 (approx. 7.0 x 6.6 x 1.8 mm) |
| **Core Material** | Carbonyl Powder / Alloy (Metal Composite) |
| **DCR (DC Resistance)** | Very Low (typically < 10 mΩ) |
| **Saturation Current** | High (typically 15A - 25A depending on temperature) |
---
### 2. Key Features
* **Magnetic Shielding:** The molded metal powder construction provides inherent shielding, reducing electromagnetic interference (EMI) with surrounding components.
* **Soft Saturation:** Unlike ferrite inductors, these composite inductors do not have a sharp drop-off in inductance when the current exceeds the rated limit.
* **Low Profile:** The "18" in the suffix usually denotes a height of 1.8mm, making it ideal for thin electronic devices like laptops or tablets.
* **High Thermal Stability:** Designed to operate in high-temperature environments without significant loss of performance.
---
### 3. Application Use Cases
Inductors like the CSAB0718-R82M are primarily used for energy storage and filtering in power management circuits:
1. **Buck Converters:** Stepping down voltage for CPUs, GPUs, and FPGAs.
2. **Battery Powered Devices:** Used in smartphones and tablets where space is premium.
3. **POL (Point of Load) Converters:** Located close to the high-speed chips to provide stable power.
---
### 4. Typical Footprint Layout
While the exact dimensions should be verified via the manufacturer datasheet (e.g., Cyntec or Chilisin), the general pad layout for a 0718 series is as follows:
```markdown
[ Pad A ] <--- 7.0mm ---> [ Pad B ]
___________________________________
| |
| (Top View) | ~6.6mm
|___________________________________|
```
- ⤷
What is the maximum operating temperature for the CSAB series?
- ⤷ How does 'soft saturation' benefit a power supply circuit?
- ⤷ Which manufacturers produce equivalents for the CSAB0718-R82M?