Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • CSAB1040A-R68M

  • AI
    The **CSAB1040A-R68M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to a class of "molded" or "composite" inductors known for high efficiency and compact size. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's specifications: | Segment | Meaning | Description | | :--- | :--- | :--- | | **CSAB** | Series Name | Typically denotes a shielded, molded metal powder inductor series. | | **1040** | Physical Size | Dimensions: ~10mm x 11mm footprint with a 4.0mm height. | | **R68** | Inductance Value | **0.68 µH** (R denotes the decimal point). | | **M** | Tolerance | **±20%** (Industry standard for power inductors). | --- ### 2. Key Technical Specifications While exact parameters can vary slightly by manufacturer (such as Cyntec or Chilisin), the general specifications for a 1040 R68M inductor are: * **Inductance:** 0.68 µH * **DC Resistance (DCR):** Typically very low (approx. 2.0mΩ to 3.5mΩ) to minimize power loss. * **Saturation Current (Isat):** Usually high, ranging from **25A to 35A**. This is the current at which inductance drops by a specific percentage (usually 30%). * **Rated Current (Irms):** The continuous current that causes a 40°C temperature rise, typically **15A to 25A**. * **Operating Temperature:** Generally -40°C to +125°C. --- ### 3. Construction and Features The CSAB1040A-R68M utilizes specific engineering features to handle high power: 1. **Magnetic Metal Powder Core:** Unlike traditional ferrite cores, these use a metal alloy powder. This allows for "soft saturation," meaning the inductance drops gradually rather than abruptly when current increases. 2. **Shielded Construction:** The molded design naturally encapsulates the coil, reducing electromagnetic interference (EMI) and leakage flux. 3. **Low DCR:** By using thick copper wire, the internal resistance is kept minimal, which is critical for high-efficiency voltage regulators. --- ### 4. Common Applications This part is typically found in high-demand electronic circuits: * **Voltage Regulator Modules (VRM):** For CPUs and GPUs in laptops and servers. * **DC-DC Converters:** Point-of-load (POL) power supplies. * **Battery Powered Systems:** Where high efficiency and small footprint are required. * **Automotive Electronics:** Infotainment and ADAS power rails.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the CSAB1040A-R68M?
    • ⤷ How does 'soft saturation' in metal powder inductors differ from ferrite core saturation?
    • ⤷ What are the soldering layout recommendations for a 1040 size inductor?