Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • CSBX0640-R47M

  • AI
    The **CSBX0640-R47M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to a class of "molded" or "composite" inductors known for high efficiency and compact size. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **CSBX** | Series Name | High-current shielded power inductor series | | **0640** | Dimensions | Approx. 6.6mm x 6.4mm with a 4.0mm height | | **R47** | Inductance Value | **0.47 µH** (R denotes decimal point) | | **M** | Tolerance | **±20%** | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (such as Cyntec or Chilisin), the standard parameters for a 0640-R47M part are generally as follows: * **Inductance:** 0.47 µH * **DC Resistance (DCR):** Typically very low (approx. 3.5mΩ to 5.0mΩ) to minimize power loss. * **Saturation Current (Isat):** The current level where inductance drops by 30%. For this size, it is usually between **15A and 22A**. * **Heating Current (Irms):** The current that causes a 40°C temperature rise. Usually ranges from **12A to 18A**. * **Operating Temperature:** Generally -40°C to +125°C (including self-heating). --- ### 3. Construction and Features The CSBX series utilizes a specific construction style: * **Metal Powder Molding:** The coil is embedded in a metallic magnetic iron powder. This "molded" design provides a distributed air gap, which results in **soft saturation** characteristics (the inductance doesn't drop off a cliff when current increases). * **Magnetic Shielding:** Because the core material surrounds the coil, electromagnetic interference (EMI) is significantly reduced compared to unshielded drum cores. * **Lead-Free/RoHS:** Compliant with modern environmental standards. --- ### 4. Common Applications Due to its high current handling and low profile, this part is found in: 1. **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs in laptops and desktops. 2. **Point of Load (POL) Converters:** High-efficiency DC-DC step-down circuits. 3. **Servers and Networking:** High-density power supplies. 4. **Battery Powered Devices:** Where high efficiency and low heat generation are critical. --- ### 5. Example Footprint Layout (Generic) ```markdown Typical 0640 Pad Dimensions: - Length: 6.6 mm (+/- 0.3) - Width: 6.4 mm (+/- 0.3) - Height: 4.0 mm (Max) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Irms in this inductor?
    • ⤷ Can this inductor be used in high-frequency switching above 2MHz?
    • ⤷ What are the equivalent alternative part numbers from brands like Vishay or Bourns?