Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • CSS136S

  • AI
    The **CSS136S** is a specialized electronic component, typically identified as a **Hall Effect Current Sensor IC**. These sensors are designed for high-precision AC or DC current sensing in industrial, automotive, and consumer electronics. --- ### ## Technical Specifications The CSS136S belongs to a family of integrated, Hall-based linear current sensors. Below are the typical electrical characteristics for this class of component: | Feature | Specification (Typical) | | :--- | :--- | | **Sensor Type** | Linear Hall Effect | | **Supply Voltage (VCC)** | 3.3V to 5.0V | | **Output Type** | Analog Ratiometric | | **Isolation Voltage** | 2.5kV to 4.0kV RMS | | **Bandwidth** | 80 kHz to 120 kHz | | **Package Type** | SOP-8 (Small Outline Package) | --- ### ## Key Electronic Features 1. **Galvanic Isolation:** The internal conductive path (for the current being measured) is electrically isolated from the sensor leads (the low-voltage side). This allows the chip to measure high-voltage lines without needing additional optoisolators. 2. **Low Internal Resistance:** The primary conductor usually has a very low resistance (approx. 1.2 mΩ). This minimizes power loss and prevents the component from overheating during high-current monitoring. 3. **Magnetic Interference Immunity:** The IC is designed to be highly resistant to external magnetic fields, ensuring that only the current flowing through the internal "busbar" is measured. 4. **Ratiometric Output:** The output voltage is proportional to the input current. For a 5V supply, the "zero current" output is typically centered at 2.5V. As current increases or decreases (AC or DC), the voltage swings above or below that midpoint. --- ### ## Common Applications * **Inverters:** Monitoring current in solar or motor drive systems. * **Battery Management Systems (BMS):** Tracking charge and discharge cycles in Lithium batteries. * **Switch Mode Power Supplies (SMPS):** Providing overcurrent protection. * **Smart Plugs:** Measuring household power consumption. --- ### ## Basic Connection Diagram To integrate the CSS136S into a circuit, the following pinout configuration is standard for the SOP-8 package: ```cpp // Typical Pin Configuration (SOP-8) Pin 1 & 2: IP+ (Input Current Positive) Pin 3 & 4: IP- (Input Current Negative) Pin 5: GND (Ground) Pin 6: FILTER (Optional capacitor for bandwidth adjustment) Pin 7: VOUT (Analog Output Signal) Pin 8: VCC (Power Supply) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the CSS136S series?
    • ⤷ How do I calculate the current based on the analog output voltage?
    • ⤷ Does the CSS136S require external calibration?