CSTCE16M0V53-R0
AI

The **CSTCE16M0V53-R0** is a high-precision ceramic resonator produced by **Murata Manufacturing**. It is widely used in microcontrollers and timing circuits as a cost-effective alternative to quartz crystals.
---
## 1. Core Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Frequency** | 16.000 MHz |
| **Frequency Tolerance** | ±0.5% |
| **Load Capacitance** | 15 pF (Built-in) |
| **Operating Temperature** | -20°C to +80°C |
| **Package Type** | SMD (3.2 x 1.3 mm) |
| **Mounting Type** | Surface Mount (SMD) |
---
## 2. Electronic Characteristics & Features
### A. Built-in Capacitors
One of the defining features of the `CSTCE` series is the **built-in load capacitance**.
* **Circuit Simplification:** Unlike standard crystals that require two external ceramic capacitors, this device integrates them into the package.
* **Space Saving:** It reduces the component count from three to one, making it ideal for high-density PCB designs.
### B. Resonant Mechanism
It utilizes the mechanical vibration of a piezoelectric ceramic material (Lead Zirconate Titanate). When an oscillating electrical signal is applied, the material vibrates at its resonant frequency (16MHz), providing a stable clock reference.
### C. Frequency Stability
While ceramic resonators are less stable than quartz crystals (±0.5% vs. ±0.005%), they are significantly more stable than internal RC oscillators. They are preferred for:
* High-speed serial communication (UART).
* USB peripherals.
* General-purpose MCU clocking.
---
## 3. Pin Configuration and Internal Schematic
The device features **three terminals**:
1. **Input (Pin 1):** Connection to the MCU's `OSC_IN`.
2. **Ground (Pin 2):** Common ground for the internal capacitors.
3. **Output (Pin 3):** Connection to the MCU's `OSC_OUT`.
```mermaid
graph LR
P1[Pin 1: Input] --- C1((Cap))
P3[Pin 3: Output] --- C2((Cap))
C1 --- P2[Pin 2: GND]
C2 --- P2
```
---
## 4. Typical Applications
* **Automotive Electronics:** Infotainment systems and body control modules.
* **Consumer Electronics:** Remote controls, white goods (washers/dryers).
* **PC Peripherals:** Keyboards, mice, and USB hubs.
- ⤷
How does the frequency stability of a ceramic resonator compare to a quartz crystal in high-temperature environments?
- ⤷ Can this resonator be used for high-speed USB 3.0 timing requirements?
- ⤷ What are the advantages of the 3.2 x 1.3 mm package size in modern PCB layout?