Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • CSTCE20M0V53Z-R0

  • AI
    ## Technical Overview of CSTCE20M0V53Z-R0 The **CSTCE20M0V53Z-R0** is a ceramic resonator manufactured by **Murata Electronics**. It belongs to the **CERALOCK®** family, which are high-precision components used to provide clock signals for microprocessors and integrated circuits. ### 1. Key Specifications | Parameter | Specification | | :--- | :--- | | **Nominal Frequency** | 20.000 MHz | | **Frequency Tolerance** | ±0.5% | | **Frequency Stability** | ±0.3% (over temp range) | | **Operating Temperature** | -20°C to +80°C | | **Load Capacitance** | 15 pF (Built-in) | | **Package Type** | SMD (Surface Mount Device) | | **Dimensions** | 3.2 x 1.3 x 0.8 mm | --- ### 2. Functional Description The CSTCE20M0V53Z-R0 functions similarly to a quartz crystal but is made from piezoelectric ceramics. It is primarily used for timing and frequency control. #### Internal Built-in Capacitors One of the most significant features of this specific part number is the **integrated load capacitors**. * Standard oscillators require external capacitors (typically 15-30pF) to stabilize the oscillation. * The "Z" in the part number indicates it includes these capacitors internally. * **Benefit:** This saves PCB space and reduces the Bill of Materials (BOM) count. #### Three-Pin Configuration Because of the integrated capacitors, the device has three terminals: 1. **Input:** Connected to the oscillator inverter input. 2. **Ground:** Connected to the system ground. 3. **Output:** Connected to the oscillator inverter output. --- ### 3. Comparison: Ceramic Resonator vs. Quartz Crystal | Feature | Ceramic Resonator (CSTCE) | Quartz Crystal | | :--- | :--- | :--- | | **Precision** | Moderate (±0.5%) | Very High (±0.001%) | | **Cost** | Low | Higher | | **Size** | Small (Integrated Capacitors) | Larger (Requires External Caps) | | **Start-up Time** | Very Fast | Slower | | **Stability** | Sensitive to Temperature | Very Stable | --- ### 4. Typical Applications * **Microcontrollers (MCUs):** Providing the clock source for budget-friendly 8-bit or 16-bit MCUs. * **Consumer Electronics:** Remote controls, toys, and small household appliances. * **Communication:** Low-speed USB peripherals and local bus timing. * **Automotive:** Non-safety critical applications like infotainment systems or body control modules.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the load capacitance for a resonator if it's not built-in?
    • ⤷ Can this resonator be used in high-temperature automotive environments?
    • ⤷ What is the difference between the CSTCE and CSTCR series from Murata?