CT-1F-R
AI

The **CT-1F-R** is a high-precision, industrial-grade **Current Transformer (CT)** typically manufactured by companies like **U.R.D. (u-rd)** or similar electronic component specialists. It is primarily used for current measurement, monitoring, and protection in electronic circuits.
Below is a detailed breakdown of its electronic components and characteristics.
---
## 1. Core Technical Specifications
The "R" suffix often denotes "RoHS compliance" or a specific "Resin-molded" finish for environmental protection.
| Parameter | Typical Value / Description |
|:---|:---|
| **Type** | Through-hole (Donut) / PCB Mount |
| **Turns Ratio** | Commonly 1:1000 or 1:3000 (Varies by sub-model) |
| **Rated Current** | 0.1A to 30A (Typical range for CT-1F series) |
| **Saturation Current** | ~50A - 80A |
| **Applicable Frequency** | 50Hz / 60Hz |
| **Output Resistance** | Recommended load resistance is usually 10Ω - 100Ω |
---
## 2. Internal Electronic Construction
The device consists of three primary electronic elements housed within a flame-retardant casing:
### A. Magnetic Core
* **Material:** High-permeability Permalloy or Silicon Steel.
* **Function:** Concentrates the magnetic field generated by the primary conductor (the wire passing through the center) to induce a current in the secondary winding.
### B. Secondary Winding
* **Material:** Fine copper magnet wire.
* **Function:** The wire is wrapped around the core $N$ times. According to the formula $I_s = I_p / N$, it steps down the high primary current to a low, measurable secondary current.
### C. Encapsulation (Resin)
* **Material:** Epoxy Resin (UL94V-0 rated).
* **Function:** Provides galvanic isolation between the high-voltage primary line and the low-voltage sensing circuitry. It also protects the internal wire from humidity and vibration.
---
## 3. Circuit Application
To use the CT-1F-R in an electronic design, the following peripheral components are usually required:
1. **Burden Resistor ($R_b$):**
Connected across the secondary leads to convert the output current into a measurable voltage ($V = I \times R$).
2. **TVS Diode:**
Often placed in parallel with the secondary to protect the circuit from high-voltage spikes if the secondary circuit is accidentally opened while current is flowing.
3. **Operational Amplifier (Op-Amp):**
Used to buffer and amplify the small voltage signal before it reaches an ADC (Analog-to-Digital Converter).
---
## 4. Key Advantages
* **Non-Contact Measurement:** No need to break the circuit to measure current.
* **High Isolation:** Provides safety between the power line and the controller (MCU).
* **Linearity:** Offers a very linear output relative to the input current within its rated range.
---
- ⤷
What is the maximum output voltage for the CT-1F-R before saturation occurs?
- ⤷ How do I calculate the optimal burden resistor value for this specific transformer?
- ⤷ Is the CT-1F-R suitable for measuring high-frequency switching currents above 1kHz?