CT0603CSF-R33K
AI

The **CT0603CSF-R33K** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are commonly used in RF (Radio Frequency) circuits due to their high performance in filtering and resonance applications.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by manufacturers (typically Central Technologies or similar brands).
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 330 nH (0.33 µH) |
| **Tolerance** | ±10% (K) |
| **Case Size** | 0603 (1.6mm x 0.8mm) |
| **Material** | Ceramic Core / Wire-Wound |
| **DC Resistance (Max)** | 1.05 Ω |
| **Rated Current (Max)** | 310 mA |
| **Self-Resonant Frequency (Min)** | 600 MHz |
| **Quality Factor (Q Min)** | 35 @ 100 MHz |
---
### 2. Part Number Breakdown
Understanding the code helps in identifying variations of the component:
* **CT**: Brand Prefix (e.g., Central Technologies).
* **0603**: Package size (0.06 x 0.03 inches).
* **CSF**: Series code (Ceramic Solderable Face / Wire-wound inductor).
* **R33**: Inductance value code (R indicates decimal; R33 = 0.33µH or 330nH).
* **K**: Tolerance code (K = ±10%).
---
### 3. Key Features & Applications
#### Features
* **High Q Factor:** The wire-wound construction on a ceramic core provides a higher Quality factor and lower DC resistance compared to multilayer inductors.
* **High Self-Resonant Frequency (SRF):** Allows the part to function effectively in gigahertz ranges without becoming capacitive.
* **Stable Performance:** Excellent thermal stability and high precision.
#### Applications
* **RF Communication:** Cell phones, Wi-Fi routers, and Bluetooth modules.
* **Filtering:** Low-pass, high-pass, and band-pass filters in signal processing.
* **Impedance Matching:** Used in antenna circuits to ensure maximum power transfer.
* **Broadband Systems:** Cable modems and satellite receivers.
---
### 4. Handling and Soldering
Because this is an **0603** package with a **wire-wound** structure:
1. **Fragility:** The fine wire wrapped around the ceramic core can be damaged by excessive mechanical stress or pick-and-place pressure.
2. **Soldering:** Compatible with standard Reflow and Wave soldering processes. It typically features gold or tin-plated terminations for better solderability.
- ⤷
What is the difference between wire-wound and multilayer inductors in RF circuits?
- ⤷ How does the Q factor affect the performance of this inductor?
- ⤷ What are the common alternatives if the R33K tolerance is too high for my application?