CT0603CSF-R33M
AI

The **CT0603CSF-R33M** is a surface-mount (SMD) wire-wound ceramic core inductor. It belongs to the 0603 series, which is a standard industry size for compact electronic components.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the specific electrical characteristics of the component:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | CT0603CSF | Ceramic Substrate, Standard Frequency (0603 size) |
| **Inductance** | R33 | 0.33 microhenries ($\mu H$) or 330 nanohenries ($nH$) |
| **Tolerance** | M | $\pm 20\%$ |
---
### 2. Key Technical Specifications
Based on standard datasheets for wire-wound ceramic inductors of this type:
* **Case Size:** 0603 (1.6mm x 0.8mm).
* **Inductance:** 330 nH.
* **Core Material:** Ceramic (provides excellent high-frequency performance and thermal stability).
* **Construction:** Wire-wound (offers higher Q-factors and higher current handling than multilayer types).
* **Self-Resonant Frequency (SRF):** Typically in the range of 500 MHz to 900 MHz.
* **DC Resistance (DCR):** Relatively low, usually between 0.5 to 1.5 Ohms depending on the specific manufacturer.
* **Rated Current:** Generally handles between 200mA and 400mA.
---
### 3. Physical Features & Applications
#### Features
* **High Q-Factor:** The wire-wound design results in very low losses at high frequencies.
* **Excellent Solderability:** Usually features gold or tin-plated terminations compatible with reflow soldering.
* **High Precision:** The ceramic core ensures the inductance remains stable across a wide temperature range.
#### Common Applications
* **RF Circuits:** Used in impedance matching and resonance circuits for Bluetooth, Wi-Fi, and GPS modules.
* **Filtering:** High-frequency noise suppression in communication equipment.
* **Mobile Devices:** Power decoupling in smartphones and tablets where space is at a premium.
---
### 4. Schematic Representation
In a circuit diagram, this part is represented by the standard inductor symbol:
```text
L1
---(XXXXXX)---
330 nH
```
- ⤷
What is the difference between a ceramic core and a ferrite core inductor?
- ⤷ How does the Q-factor affect the performance of this inductor in RF circuits?
- ⤷ Can this inductor be used for high-power DC-DC conversion?