CT1206CSF-R33M
AI

The **CT1206CSF-R33M** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency applications, RF circuits, and telecommunications equipment.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CT** | Series Prefix | Ceramic core chip inductor series. |
| **1206** | Case Size | Imperial size (approx. 3.2mm x 1.6mm). |
| **CSF** | Core Type | Standard Wire-Wound Ceramic. |
| **R33** | Inductance Value | **0.33 µH** (330 nH). |
| **M** | Tolerance | **±20%** (Typical for this range). |
---
### 2. Key Technical Specifications
The electrical performance of this inductor is defined by its ability to maintain stability at high frequencies.
* **Inductance:** 0.33 µH (330 nH)
* **Tolerance:** ±20%
* **Case Size:** 1206 (Metric 3216)
* **Core Material:** Ceramic (Alumina) - This provides excellent thermal stability and a high Self-Resonant Frequency (SRF).
* **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation.
* **Rated Current:** Typically ranges between 400mA to 600mA depending on the specific manufacturer's thermal rating.
---
### 3. Construction and Features
* **Wire-Wound Technology:** Unlike multilayer inductors, the wire-wound construction offers a much higher **Q-Factor** (Quality Factor) and lower DCR, making it more efficient for RF signals.
* **Ceramic Core:** The non-magnetic core ensures the inductance remains stable across a wide range of temperatures and frequencies.
* **Encapsulation:** Often features a clear epoxy resin coating for protection against environmental factors and to provide a flat surface for automated pick-and-place machines.
---
### 4. Common Applications
Due to its high frequency and high Q characteristics, the CT1206CSF-R33M is found in:
1. **RF Filtering:** Bandpass and low-pass filters in wireless communication.
2. **Impedance Matching:** Used in antenna circuits to match the impedance of the transceiver to the antenna.
3. **Signal Conditioning:** Decoupling and EMI suppression in high-speed digital lines.
4. **Oscillators:** Serving as a frequency-determining component in LC tank circuits.
- ⤷
What is the significance of the 'Q-Factor' in this specific wire-wound inductor?
- ⤷ How does the ceramic core compare to a ferrite core for this component?
- ⤷ What are the recommended soldering profiles for 1206 SMD inductors?