CT1206CSF-R47M
AI

The **CT1206CSF-R47M** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. This component is commonly used in RF (Radio Frequency) circuits due to its high Q-factor and stable performance at high frequencies.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps in identifying the specific characteristics of the component:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **CT** | Series Prefix | Central Technologies Chip Inductor |
| **1206** | Case Size | 3.2mm x 1.6mm (Imperial 1206) |
| **CSF** | Construction | Ceramic Core / Standard Force |
| **R47** | Inductance Value | 0.47 µH (470 nH) |
| **M** | Tolerance | ±20% |
---
### 2. Technical Specifications
Below are the typical electrical and physical parameters for this specific part:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.47 µH (470 nH) |
| **Tolerance** | ±20% |
| **Test Frequency** | 25 MHz |
| **Self-Resonant Frequency (SRF)** | ~375 MHz (Min) |
| **DC Resistance (DCR)** | ~0.95 Ω (Max) |
| **Rated Current (Idc)** | ~450 mA |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Key Features & Construction
* **Wire-Wound Design:** Unlike multilayer inductors, the wire-wound construction allows for much higher **Q (Quality) factors** and higher current handling capabilities.
* **Ceramic Core:** Provides excellent thermal stability and very high SRF (Self-Resonant Frequency), making it ideal for high-frequency filtering.
* **1206 Footprint:** A standard size that is easy to handle for both automated pick-and-place machines and manual prototyping.
---
### 4. Common Applications
* **RF Tuning:** Used in resonant circuits for oscillators and filters.
* **Impedance Matching:** Essential for antenna matching circuits in wireless communication devices.
* **Signal Conditioning:** Decoupling and EMI filtering in high-speed data lines.
* **Wireless Devices:** Found in Wi-Fi modules, Bluetooth transceivers, and GPS receivers.
---
- ⤷
What is the difference between a ceramic core and a ferrite core inductor?
- ⤷ How does the Q-factor affect the performance of this inductor in an RF circuit?
- ⤷ Are there lower tolerance versions (e.g.
- ⤷ J or K) available for the CT1206 series?