CTC0F-R33J
AI

The **CTC0F-R33J** is a surface-mount (SMD) power inductor, specifically part of a series designed for high-frequency and power management applications. Below is a detailed breakdown of its specifications and electronic properties.
---
## 1. Technical Specifications
The part number follows a specific coding convention that dictates its performance characteristics:
| Parameter | Specification | Note |
| :--- | :--- | :--- |
| **Inductance** | 0.33 µH | Indicated by "R33" |
| **Tolerance** | ±5% | Indicated by "J" |
| **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly |
| **Core Material** | Ferrite | High magnetic permeability |
| **Operating Temperature** | -40°C to +85°C | Typical for industrial/commercial grades |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps in identifying similar components or finding replacements:
* **CTC:** Series prefix (typically identifying the manufacturer's specific wire-wound or molded series).
* **0F:** Refers to the physical package size and case style.
* **R33:** Represents the inductance value. The "R" acts as a decimal point ($0.33$ microhenries).
* **J:** Represents the tolerance code ($J = \pm 5\%$).
---
## 3. Key Electronic Functions
As an inductor, the CTC0F-R33J performs several critical roles in a circuit:
### A. Energy Storage
It stores energy in a magnetic field when electric current flows through it. Because it has a relatively low inductance ($0.33 \mu H$), it is optimized for high-speed switching environments.
### B. Filtering (Noise Suppression)
It acts as a low-pass filter. It allows Direct Current (DC) to pass through while providing high impedance to high-frequency Alternating Current (AC) noise, effectively "smoothing" the signal.
### C. Impedance Matching
In RF (Radio Frequency) circuits, these inductors are used to match the impedance between different stages of the circuit to ensure maximum power transfer and minimal signal reflection.
---
## 4. Common Applications
Due to its small form factor and low inductance, you will typically find this component in:
* **DC-DC Converters:** Used in voltage regulator modules for smartphones, laptops, and tablets.
* **EMI/RFI Filtering:** Reducing electromagnetic interference in communication lines.
* **High-Frequency Oscillators:** Used in signal processing and radio transmission.
* **Decoupling:** Preventing noise from one part of a circuit from affecting another.
---
## 5. Physical Characteristics
* **Termination:** Usually features tin-plated leads or pads for lead-free soldering (RoHS compliant).
* **Shielding:** Depending on the specific sub-series, it may be "unshielded" (cheaper, smaller) or "shielded" (minimizes electromagnetic leakage to nearby components).
- ⤷
What are the equivalent alternative part numbers for the CTC0F-R33J from other manufacturers?
- ⤷ How does the 'J' tolerance affect the performance of a DC-DC converter circuit?
- ⤷ What is the maximum current rating (Irms) for this specific inductor size?