CTC0F-R39K
AI

The **CTC0F-R39K** is a specific electronic component belonging to the family of **Fixed Inductors**. It is typically an axial-leaded, conformal coated inductor used in various filtering and signal-matching circuits.
---
### 1. Technical Specifications
The part number follows a standardized coding system. Here are the primary specifications for the R39K variant:
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.39 µH (Microhenries) |
| **Tolerance** | ±10% (Indicated by the suffix 'K') |
| **Package Type** | Axial Leaded (Through-hole) |
| **Coating** | Conformal Epoxy Resin (usually green or blue) |
| **Core Material** | Phenolic or Ferrite (depending on specific series) |
---
### 2. Detailed Breakdown of the Part Number
To understand the component, we can deconstruct the identifier:
* **CTC0F**: The series designation. This usually refers to a "Conformal Coated Inductor" with a specific body size (the '0' often denotes a miniature or standard physical size).
* **R39**: The inductance value. The 'R' acts as a decimal point. Therefore, R39 = **0.39**.
* **K**: The tolerance code.
* J = ±5%
* **K = ±10%**
* M = ±20%
---
### 3. Electrical Characteristics
Beyond basic inductance, these parts are defined by their performance in a circuit:
* **Q Factor (Quality Factor):** These inductors generally have a high Q, meaning they have low resistance relative to their inductance at specific frequencies.
* **Self-Resonant Frequency (SRF):** This is the frequency at which the inductor stops behaving like an inductor due to parasitic capacitance. For a 0.39µH part, the SRF is typically very high (often > 400 MHz).
* **DC Resistance (DCR):** Usually very low for this inductance value, allowing it to handle moderate DC current without significant heating.
---
### 4. Common Applications
Due to its small size and fixed inductance, the CTC0F-R39K is commonly found in:
1. **RF Coupling/Decoupling:** Used to block high-frequency noise from reaching sensitive power rails.
2. **Filter Networks:** Part of LC (Inductor-Capacitor) filters to smooth signals.
3. **Telecommunications:** Used in signal processing equipment.
4. **Consumer Electronics:** Found in power supplies and oscillators.
---
- ⤷
What is the maximum current rating (Imax) for the CTC0F series?
- ⤷ How does the 'R39K' compare to a '3R9K' inductor?
- ⤷ What are the soldering temperature limits for conformal coated axial inductors?