CTC1F-R56J
AI

The **CTC1F-R56J** is a high-reliability fixed inductor, commonly used in radio frequency (RF) and signal filtering circuits. It belongs to the axial-leaded family of components, known for its small form factor and durability.
---
### 1. Technical Specifications
The part number can be decoded to understand its specific electrical characteristics.
| Parameter | Value | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.56 µH | The primary storage capacity of the magnetic field. |
| **Tolerance** | ±5% | Indicated by the suffix 'J'. |
| **Core Material** | Phenolic/Ferrite | Depending on the specific sub-series, often ferrite for this range. |
| **Package Type** | Axial Leaded | Cylindrical body with wire leads on both ends. |
| **Max DC Current** | ~500mA to 1200mA | Varies slightly by manufacturer (COILTEC). |
| **DC Resistance (DCR)** | Low | Designed to minimize power loss. |
---
### 2. Component Composition
The CTC1F-R56J consists of several critical internal parts:
* **Coil (Winding):** Fine copper wire wound around the core. The number of turns determines the 0.56 µH value.
* **Core:** Usually a ferrite or phenolic material that provides the magnetic path for the flux.
* **Coating:** Typically treated with an epoxy resin or conformal coating to protect against moisture, oxidation, and physical vibration.
* **Leads:** Tin-plated copper leads for easy soldering onto Through-Hole (THT) printed circuit boards.
---
### 3. Common Applications
Due to its low inductance (sub-microhenry range), this part is typically used for high-frequency tasks:
1. **RF Coupling:** Used in radio transmitters and receivers to block DC while passing AC signals.
2. **EMI Filtering:** Suppressing high-frequency noise in power supply lines.
3. **Decoupling:** Preventing noise from one circuit stage from affecting another.
4. **Oscillators:** Serving as a reactive element in LC (Inductor-Capacitor) tuning circuits.
---
### 4. Handling and Mounting
* **Orientation:** As a non-polarized component, it can be installed in either direction.
* **Spacing:** When mounting, ensure the body is not resting against heat-sensitive components, as inductors can generate minor heat during high-current operation.
* **Soldering:** Standard wave soldering or hand soldering is acceptable; however, avoid excessive heat on the leads to prevent damage to the internal wire-to-lead connection.
- ⤷What does the 'R56' signify in the part numbering convention?
- ⤷ How does the 'J' tolerance compare to 'K' or 'M' ratings?
- ⤷ Can this inductor be used in high-temperature automotive environments?